Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MPC89X53AF

  • AI
    The **MPC89X53AF** belongs to the MPC89 series, which is a family of 8-bit microcontrollers (MCUs) based on the high-performance **8051 architecture**. These chips are commonly produced by manufacturers like Megawin and are designed to be pin-compatible with standard 8051 devices while offering enhanced features and higher speeds. --- ### 1. Key Technical Specifications The MPC89X53AF is characterized by its memory density and specialized peripherals. | Feature | Specification | | :--- | :--- | | **Core** | 8-bit 8051 Core (1T or 6T/12T modes) | | **Flash Memory** | 12 KB (Internal Program Memory) | | **SRAM** | 256 bytes (Internal) + 256 bytes (Auxiliary) | | **Operating Voltage** | 4.5V to 5.5V (Standard) | | **Max Frequency** | Up to 40 MHz (at 5V) | | **Package Type** | LQFP-44, PLCC-44, or PDIP-40 | | **I/O Pins** | 32 to 36 Programmable I/O lines | --- ### 2. Functional Blocks and Parts The internal architecture of the MPC89X53AF includes several critical electronic components: #### A. Central Processing Unit (CPU) * **Instruction Set:** Fully compatible with the industry-standard MCS-51. * **Speed Enhancement:** Unlike traditional 8051s that require 12 clocks per machine cycle, this chip can often be configured for faster execution (e.g., 6-clock mode). #### B. Memory Map * **ISP/IAP:** It features **In-System Programming (ISP)** and **In-Application Programming (IAP)**. This allows the firmware to be updated without removing the chip from the PCB. * **EEPROM:** A portion of the Flash memory can be used as non-volatile data storage (EEPROM-like) via IAP. #### C. Timers and Counters * **Timer 0/1/2:** Includes three 16-bit timers/counters. * **Watchdog Timer (WDT):** An internal electronic safety mechanism that resets the MCU if the software hangs or enters an infinite loop. #### D. Communication Interfaces * **UART:** A full-duplex enhanced serial port for RS-232/RS-485 communication. * **External Interrupts:** Supports multiple external interrupt pins (INT0, INT1, etc.) for real-time response to hardware signals. --- ### 3. Pin Configuration Overview The 44-pin versions (LQFP/PLCC) generally follow this logical grouping: 1. **Port 0 - Port 3:** General-purpose I/O pins. Port 0 is often used as the multiplexed Address/Data bus for external memory. 2. **RST:** Reset input pin. 3. **XTAL1 / XTAL2:** Connections for the external quartz crystal or ceramic resonator. 4. **VCC / VSS:** Power supply (5V) and Ground pins. 5. **ALE / PROG:** Address Latch Enable; used for de-multiplexing the address and data bus. --- ### 4. Typical Applications Because of its high 5V tolerance and robust 8051 core, the MPC89X53AF is frequently used in: * **Industrial Control:** PLCs and motor controllers. * **Home Appliances:** Washing machine or microwave control boards. * **Consumer Electronics:** Remote controls and LED display drivers. * **Education:** Development boards for learning embedded C or Assembly.
    ✨ Follow-up Questions
    • ⤷ How do I program the MPC89X53AF using ISP (In-System Programming)?
    • ⤷ What is the difference between the 6T and 12T clock modes in this MCU?
    • ⤷ Can this microcontroller interface directly with 3.3V logic sensors?