MPI4015V2-4R7-R
AI

## Technical Overview: MPI4015V2-4R7-R
The **MPI4015V2-4R7-R** is a high-performance, miniature power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4015 series, which is characterized by its rugged construction and high power density in a small surface-mount package.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 77 mΩ (Typical) / 92 mΩ (Maximum) |
| **Rated Current (Irms)** | 2.6 A (Typical) |
| **Saturation Current (Isat)** | 4.1 A (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 1.5mm |
---
### 2. Component Composition and Features
* **Core Material:** It utilizes a composite metal powder core. This provides **soft saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping sharply (which prevents sudden circuit failure).
* **Shielding:** The part is magnetically shielded. This is critical for minimizing Electromagnetic Interference (EMI) in compact electronic devices like smartphones or tablets.
* **Low Profile:** The "15" in the part number indicates a height of **1.5mm**, making it ideal for ultra-thin PCB designs.
* **Construction:** It features a rugged, molded construction that offers excellent resistance to moisture and thermal shock.
---
### 3. Common Applications
This inductor is primarily used in DC-DC converters and power management modules where space is at a premium.
1. **Consumer Electronics:** Smartphones, tablets, and handheld gaming consoles.
2. **Computing:** SSDs (Solid State Drives) and ultra-portable laptops.
3. **IoT Devices:** Battery-powered sensors that require efficient voltage regulation.
4. **Distributed Power Systems:** Point-of-Load (POL) converters.
---
### 4. Part Number Breakdown
```text
MPI 40 15 V2 - 4R7 - R
| | | | | |
| | | | | +-- RoHS Compliant
| | | | +--------- Inductance Value (4.7 microhenries)
| | | +---------------- Version 2 (Improved materials/process)
| | +-------------------- Height (1.5 mm)
| +------------------------ Footprint (4.0 mm x 4.0 mm)
+----------------------------- Series Name (Molded Power Inductor)
```
- ⤷
What is the difference between Irms and Isat in this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this series?
- ⤷ How does the 'soft saturation' of the metal powder core benefit a buck converter design?