MPI4020V2-100-R
AI

The **MPI4020V2-100-R** is a high-performance, power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPI4020 series, which is characterized by its miniature footprint, high current handling capabilities, and rugged construction.
---
### 1. Key Technical Specifications
The part number itself reveals specific characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 148 mΩ (Typical) |
| **Rated Current ($I_{rms}$)** | 2.1 A |
| **Saturation Current ($I_{sat}$)** | 2.5 A |
| **Package Size** | 4.0mm x 4.0mm x 2.1mm |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Physical and Material Characteristics
The "V2" in the part number indicates an updated version of the series with improved performance or manufacturing standards.
* **Construction:** It uses a metal powder core technology. This "molded" construction allows for higher power density and a soft saturation curve compared to traditional ferrite drum cores.
* **Shielding:** The component is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding sensitive components on the PCB.
* **Ruggedness:** Designed to handle high vibration and thermal shock, making it suitable for industrial environments.
---
### 3. Application Areas
Because of its small size and high efficiency, this inductor is typically found in the following circuits:
1. **DC-DC Converters:** Used as a storage element in Buck (step-down) or Boost (step-up) converters.
2. **Point of Load (POL):** Ideal for providing stable voltage to CPUs, FPGAs, and ASICs in compact devices.
3. **Battery Powered Devices:** Used in handheld electronics where board space is at a premium and power efficiency is critical to battery life.
4. **Distributed Power Systems:** Found in servers and networking equipment for local voltage regulation.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives:
* **MPI:** Series Name (Molded Power Inductor)
* **4020:** Dimensions (4.0mm width/length, 2.0mm height)
* **V2:** Design version/Generation
* **100:** Inductance code ($10 \times 10^0 = 10$ µH)
* **R:** RoHS compliant
- ⤷
What are the main differences between the V1 and V2 versions of this inductor?
- ⤷ Can you suggest a pin-compatible alternative from another manufacturer?
- ⤷ How does the saturation current affect the performance in a buck converter?