MPI4040R2-3R3-R
AI

The **MPI4040R2-3R3-R** is a high-performance, power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPI (Molded Power Inductor) series, which is characterized by its rugged construction and high current-handling capabilities in a compact footprint.
---
### 1. Key Technical Specifications
The part number provides specific details about the component's electrical and physical properties.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.8 Amperes (Typical) |
| **Saturation Current (Isat)** | 5.5 Amperes (Typical) |
| **DC Resistance (DCR)** | 48 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.7mm x 4.06mm x 2.0mm (approx.) |
---
### 2. Part Number Breakdown
The nomenclature reveals the construction and performance tier:
* **MPI**: Molded Power Inductor series.
* **4040**: Dimensions (approx. 4.0mm x 4.0mm).
* **R2**: Version/Generation (High-current/standard profile).
* **3R3**: Resistance/Inductance value (3.3 microhenries).
* **-R**: RoHS Compliant.
---
### 3. Core Features & Technology
* **Composite Core Material:** It uses a metal flake powder core molded around the winding. This provides a "soft saturation" characteristic, meaning the inductance drops gradually as current increases rather than crashing abruptly.
* **Magnetically Shielded:** The molded construction naturally shields the inductor, significantly reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **High Power Density:** Designed to handle high current in a very small SMD (Surface Mount Device) package.
* **Low Acoustic Noise:** The solid molded structure minimizes vibration (buzzing) often found in traditional wire-wound inductors.
---
### 4. Typical Applications
This component is primarily used in power management circuits where space is limited and efficiency is critical:
* **DC-DC Converters:** Point-of-load (POL) modules for CPUs and GPUs.
* **Mobile Electronics:** Smartphones, tablets, and handheld devices.
* **Distributed Power Systems:** Used in telecommunications and server power stages.
* **Battery Powered Systems:** Where low DCR is required to preserve battery life.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this part be used in automotive applications requiring AEC-Q200 qualification?
- ⤷ What are the recommended PCB land patterns for the 4040 package?