MPI4040R2-6R8-R
AI

### MPI4040R2-6R8-R: Component Overview
The **MPI4040R2-6R8-R** is a high-power, high-frequency shielded inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4040 series, which is specifically designed for high-current applications where space is at a premium.
---
### 1. Technical Specifications
The following table highlights the critical electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 6.8 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.3 A (Typical) |
| **Saturation Current (Isat)** | 4.0 A (Typical) |
| **DC Resistance (DCR)** | 62 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.7mm x 4.31mm x 2.0mm |
| **Shielding** | Magnetically Shielded |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants within the same family:
* **MPI**: Series Name (Molded Power Inductor).
* **4040**: Dimensions (approx. 4.0mm x 4.0mm).
* **R2**: Revision/Process code (indicates the 2.0mm height profile).
* **6R8**: Inductance value (6.8 microhenries).
* **-R**: RoHS Compliant.
---
### 3. Key Features and Construction
* **Rugged Construction:** These are "molded" inductors, meaning the coil is encapsulated in a metal iron powder core. This design provides excellent protection against mechanical shock and vibration.
* **Magnetic Shielding:** The molded construction naturally shields the component, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Soft Saturation:** Unlike ferrite core inductors that lose inductance sharply when current limits are exceeded, the MPI series features "soft" saturation, where inductance drops gradually as current increases.
* **High Frequency Performance:** Optimized for switching frequencies ranging from 20 kHz up to 5 MHz.
---
### 4. Typical Applications
The MPI4040R2-6R8-R is commonly used in the following scenarios:
1. **DC-DC Converters:** Point-of-load (POL) converters for CPUs and GPUs.
2. **Portable Electronics:** Smartphones, tablets, and laptops where a low profile (2mm height) is required.
3. **Battery Powered Systems:** High efficiency is required to extend battery life.
4. **Distributed Power Systems:** Used in industrial and automotive infotainment systems.
---
- ⤷
What are the main differences between molded powder inductors and traditional ferrite inductors?
- ⤷ How does the 'soft saturation' characteristic affect the design of a power supply?
- ⤷ Are there lower profile versions available in the MPI4040 series?