AI

The **MPI4040R3-1R5-R** is a high-performance, power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4040 series, which is characterized by its molded construction and high current-handling capabilities in a compact footprint.
---
### ## Technical Specifications
The following table outlines the key electrical and physical parameters of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **Rated Current (Idc)** | 6.5 A (Typical) |
| **Saturation Current (Isat)** | 8.8 A (Typical) |
| **DC Resistance (DCR)** | 16.5 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 2.0mm |
---
### ### Key Features
1. **Molded Construction:**
* The inductor is made using a metal flakes powder core. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
2. **High Power Density:**
* Despite its small 4040 (4.0mm x 4.0mm) footprint, it can handle significant current, making it ideal for modern, miniaturized electronics.
3. **Soft Saturation:**
* Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, this part exhibits "soft saturation," maintaining better performance during current spikes.
4. **Halogen Free & RoHS Compliant:**
* Meets modern environmental and safety standards for electronic manufacturing.
---
### ### Common Applications
The MPI4040R3-1R5-R is primarily used in **DC-DC Converter** circuits. Specific applications include:
* **Computing:** Laptops, tablets, and server power modules.
* **Portable Electronics:** Smartphones and handheld GPS units.
* **Voltage Regulator Modules (VRM):** Providing stable power to CPUs and GPUs.
* **Battery Powered Systems:** Where high efficiency and low DCR are critical for battery life.
---
### ### Code Example: Calculating Voltage Drop
In a circuit, the voltage drop across the inductor's internal resistance (DCR) can be calculated using Ohm's Law:
```python
# Constants for MPI4040R3-1R5-R
max_dcr_ohms = 0.0165 # 16.5 mOhms
operating_current_amps = 5.0
# Calculate Voltage Drop (V = I * R)
voltage_drop = operating_current_amps * max_dcr_ohms
print(f"Voltage drop at {operating_current_amps}A: {voltage_drop:.4f} V")
```
- ⤷What is the difference between rated current and saturation current for this inductor?
- ⤷ Are there automotive-grade equivalents (AEC-Q200) for this series?
- ⤷ How does the 2.0mm height profile impact PCB thermal management?