MPI4040R3-4R7-R
AI

The **MPI4040R3-4R7-R** is a high-performance, power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4040 series, which is specifically designed for high-frequency DC-DC converters and power management applications.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specific characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MPI** | Series Name | Miniature Power Inductor |
| **4040** | Package Size | 4.7mm x 4.06mm (Approx.) |
| **R3** | Version/Height | 1.85 mm or 2.0 mm (varies by revision) |
| **4R7** | Inductance Value | **4.7 µH** |
| **R** | RoHS Compliance | Fully RoHS compliant |
---
### 2. Key Technical Specifications
The MPI4040R3-4R7-R is characterized by its high current handling and rugged construction.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~3.3 A (Typical) |
| **Saturation Current (Isat)** | ~4.0 A (Typical) |
| **DC Resistance (DCR)** | ~55 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically shielded (low EMI) |
---
### 3. Core Features and Construction
* **Molded Construction:** It uses a metal powder core technology. This "molded" design allows for high saturation currents and provides a "soft" saturation characteristic (it doesn't lose inductance instantly when over-current occurs).
* **Magnetically Shielded:** The structure naturally contains the magnetic field, which is critical for preventing interference with nearby sensitive components in compact PCB layouts.
* **High Efficiency:** Optimized for low DCR (DC resistance) and low core losses at high switching frequencies (up to several MHz).
---
### 4. Common Applications
This inductor is typically used in the following circuits:
1. **Buck/Boost Converters:** Used in point-of-load (POL) power supplies for laptops, tablets, and handheld devices.
2. **Battery Powered Systems:** Ideal for mobile devices where space is limited but high current is required.
3. **IoT Devices:** Used in smart home sensors and wearables due to its small footprint.
4. **Distributed Power Systems:** Providing stable voltage rails for FPGAs and microprocessors.
---
### 5. Footprint (Mechanical Data)
The component is an SMD (Surface Mount Device) with the following approximate dimensions:
* **Length:** 4.7 mm (max)
* **Width:** 4.06 mm (max)
* **Height:** 1.85 mm to 2.0 mm (low profile)
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there any recommended alternatives with a lower DCR?
- ⤷ How does the temperature affect the inductance value of this part?