MPI4040R3-R47-R
AI

The **MPI4040R3-R47-R** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the MPI4040 series manufactured by **Eaton (formerly Coiltronics)**.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical limits:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MPI** | Series Name | Molded Power Inductor |
| **4040** | Package Size | 4.7mm x 4.06mm (Approx.) |
| **R3** | Height Code | 1.85 mm (Low profile) |
| **R47** | Inductance Value | 0.47 µH (Microhenries) |
| **-R** | Compliance | RoHS Compliant |
---
### 2. Key Technical Specifications
The "R47" variant is designed for high-frequency switching and high-current stability.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~8.0 A to 10.5 A (Rise in temp dependent) |
| **Saturation Current (Isat)** | ~14.0 A (Drops inductance by 30%) |
| **DC Resistance (DCR)** | ~7.2 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal powder core (Rugged/Shielded) |
---
### 3. Core Features & Benefits
* **Molded Construction:** The inductor is made of a metal composite material molded around the coil. This provides excellent **magnetic shielding** to reduce Electromagnetic Interference (EMI).
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when current limits are exceeded, this powder core has a "soft" saturation curve, making the circuit more stable under peak loads.
* **Low DCR:** The low direct-current resistance ensures minimal power loss through heat, increasing the efficiency of the power supply.
---
### 4. Typical Applications
This component is commonly found in space-constrained, high-performance electronics:
* **Voltage Regulator Modules (VRMs):** For CPUs and GPUs in laptops.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Portable Electronics:** Tablets and handheld devices requiring high current in a small footprint.
* **Automotive Infotainment:** Where EMI shielding is critical.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there taller versions of the MPI4040 series with higher inductance?
- ⤷ What are the recommended soldering footprint dimensions for this part?