MPI4040R4-100-R
AI

The **MPI4040R4-100-R** is a high-performance, power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI (Molded Powder Inductor) series, which is specifically designed for high-current applications where space is limited.
---
### 1. General Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.5 Amperes |
| **Saturation Current (Isat)** | 3.8 Amperes |
| **DC Resistance (DCR)** | 85 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4.7mm x 4.06mm (Height: 4.0mm) |
---
### 2. Key Features and Construction
* **Molded Construction:** The inductor uses a metal powder core technology. The wire is molded directly into the metal powder, which provides excellent magnetic shielding and reduces EMI (Electromagnetic Interference).
* **High Power Density:** Because of the molded design, it offers a very high current handling capability relative to its small physical footprint.
* **Soft Saturation:** Unlike ferrite core inductors that lose inductance sharply when current limits are exceeded, the MPI series features "soft saturation," meaning the inductance drops gradually.
* **Rugged Design:** The composite core material makes the component resistant to thermal shock and mechanical vibration.
---
### 3. Part Number Breakdown
The nomenclature `MPI4040R4-100-R` can be decoded as follows:
1. **MPI:** Series Name (Molded Powder Inductor).
2. **4040:** Physical size (approx. 4.0mm x 4.0mm footprint).
3. **R4:** Height designation (4.0mm maximum height).
4. **100:** Inductance value. The first two digits are significant; the third is the multiplier ($10 \times 10^0 = 10 \mu H$).
5. **-R:** RoHS compliant suffix.
---
### 4. Common Applications
Due to its high efficiency and low profile, this inductor is typically used in:
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Portable Electronics:** Tablets, laptops, and handheld devices.
* **Battery Powered Systems:** Where high efficiency and low heat generation are critical.
* **VRM Modules:** Voltage Regulator Modules for CPUs and GPUs.
---
- ⤷
What are the main differences between molded powder inductors and traditional ferrite inductors?
- ⤷ How does the 'soft saturation' characteristic benefit a power supply circuit?
- ⤷ Are there lower profile versions available in the MPI4040 series?