MPI4040R4-1R0-R
AI

The **MPI4040R4-1R0-R** is a high-performance, power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPI (Molded Powder Inductor) series, which is designed for high-current power applications where space is limited and efficiency is critical.
---
### ## Technical Specifications
The following table outlines the key electrical and physical parameters of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 8.0 A (Typical temperature rise 40°C) |
| **Saturation Current (Isat)** | 10.0 A (Typical 30% drop in inductance) |
| **DC Resistance (DCR)** | 11.5 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4.0mm x 4.0mm x 4.0mm (1515 Metric) |
| **Shielding** | Shielded (Magnetic Resin Molded) |
---
### ## Key Features & Construction
1. **Molded Powder Technology:**
The inductor is constructed using a composite powdered iron core material. This process results in a "soft saturation" characteristic, meaning the inductance decreases gradually as current increases, rather than dropping sharply.
2. **High Power Density:**
The "4040" footprint indicates a compact 4mm x 4mm size. Despite the small footprint, it can handle significant current (up to 10A peak) due to its low DCR and efficient thermal design.
3. **Low EMI:**
Because the winding is fully encapsulated in a magnetic metal powder resin, the part is naturally shielded. This minimizes electromagnetic interference (EMI) with neighboring components on the PCB.
4. **Ruggedness:**
The molded construction provides excellent resistance to mechanical shock and vibration, making it suitable for automotive and industrial environments.
---
### ## Typical Applications
This component is primarily used in DC-DC converters and power management modules. Common use cases include:
* **Mobile Devices:** Smartphones, tablets, and handheld consoles.
* **Computing:** Point-of-Load (POL) converters for CPUs and GPUs.
* **Battery Powered Systems:** Efficiency-critical power supplies for IoT devices.
* **Automotive Infotainment:** Powering displays and sensors where low EMI is required.
---
### ## Part Number Breakdown
`MPI 4040 R4 - 1R0 - R`
* **MPI:** Series Name (Molded Powder Inductor)
* **4040:** Physical size (approx. 4.0 x 4.0mm)
* **R4:** Height code (approx. 4.0mm max)
* **1R0:** Inductance value (1.0 microhenries)
* **-R:** RoHS compliant suffix
- ⤷What is the difference between soft saturation and hard saturation in inductors?
- ⤷ Are there lower profile versions available in the Eaton MPI series?
- ⤷ How does temperature affect the Isat rating of the MPI4040R4-1R0-R?