MPI4040R4-1R5-R
AI

The **MPI4040R4-1R5-R** is a high-performance, power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4040 series, which is specifically designed for high-current applications where space is limited and efficiency is critical.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 6.5 A (Typical) |
| **Saturation Current (Isat)** | 10.0 A (Typical) |
| **DC Resistance (DCR)** | 15 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.7mm x 4.06mm x 4.0mm |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **MPI**: Series name (Molded Power Inductor).
* **4040**: Dimensions (approx. 4.0mm x 4.0mm footprint).
* **R4**: Height code (approx. 4.0mm maximum height).
* **1R5**: Inductance value (1.5 µH).
* **-R**: RoHS compliant.
---
### 3. Key Features and Construction
* **Molded Construction:** The inductor uses a metal powder core technology. The wire coil is placed inside a mold, and iron powder is pressed around it. This provides excellent magnetic shielding and reduces EMI (Electromagnetic Interference).
* **High Current Density:** Due to the composite core material, it can handle high saturation currents without a sharp drop in inductance (soft saturation characteristic).
* **Rugged Design:** The molded body protects the internal windings from mechanical stress and environmental factors.
---
### 4. Common Applications
This part is typically found in the following electronic circuits:
1. **DC-DC Converters:** Used as an energy storage element in buck, boost, or SEPIC converters.
2. **Computing Hardware:** Powering CPUs, GPUs, and FPGAs in laptops or servers.
3. **Battery Powered Devices:** Ideal for smartphones and tablets where high efficiency and small size are required.
4. **LED Drivers:** Used in constant current circuits for lighting.
---
### 5. Schematic Symbol Usage
In a circuit diagram, it is represented by a standard inductor symbol. In a PCB layout environment (like Altium or KiCad), it would be defined as:
```markdown
Symbol: L
Value: 1.5uH
Footprint: IND_MPI4040_EATON
```
- ⤷
What is the difference between 'soft saturation' and 'hard saturation' in power inductors?
- ⤷ Can this inductor be used in automotive AEC-Q200 applications?
- ⤷ How does the DCR of this part affect the overall efficiency of a DC-DC converter?