MPI5451R1-2R2-R
AI

### Overview of MPI5451R1-2R2-R
The **MPI5451R1-2R2-R** is a high-performance, high-current power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the MPI (Molded Power Inductor) series, which is designed for applications requiring high power density and low electromagnetic interference (EMI).
---
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 7.2 Amperes (typical) |
| **Saturation Current (Isat)** | 8.0 Amperes (typical) |
| **DC Resistance (DCR)** | 14.5 mΩ (typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.7mm x 5.4mm x 1.2mm (SMD) |
| **Construction** | Metal Composite (Shielded) |
---
### Key Features
* **Shielded Construction:** The molded metal powder construction provides inherent magnetic shielding, which significantly reduces EMI compared to unshielded inductors.
* **High Current Density:** Despite its small footprint (5.4mm x 5.7mm) and very low profile (1.2mm height), it handles high saturation currents.
* **Soft Saturation:** Unlike ferrite core inductors that drop inductance sharply at peak currents, this series features a "soft" saturation curve, making it more stable under transient loads.
* **Rugged Design:** The molded body protects the internal windings from environmental factors and mechanical stress.
---
### Common Applications
The MPI5451R1 series is primarily used in DC-DC converters where space is limited but power requirements are high.
1. **Mobile Devices:** Smartphones, tablets, and handheld consoles.
2. **Computing:** Notebooks, ultrabooks, and VR/AR headsets.
3. **Power Modules:** Point-of-Load (PoL) converters and voltage regulator modules (VRMs).
4. **Distributed Power Systems:** Low-profile power supplies for IoT devices.
---
### Component Part Number Breakdown
The part number can be decoded as follows:
* **MPI:** Molded Power Inductor Series.
* **5451:** Physical dimensions (approx. 5.4mm x 5.1mm footprint).
* **R1:** Revision or height code (1.2mm height).
* **2R2:** Inductance value (2.2 microhenries).
* **R:** RoHS compliant/Standard packaging.
- ⤷
What are the main differences between metal composite and ferrite core inductors?
- ⤷ How does the 1.2mm height affect the thermal performance of this inductor?
- ⤷ Can you recommend a footprint-compatible alternative with a higher current rating?