AI

The **MPIA4015V2-4R7-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPIA4015V2 series, which is characterized by its miniature footprint and rugged construction.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DCR (DC Resistance)** | 105 mΩ (Typical) / 126 mΩ (Max) |
| **Isat (Saturation Current)** | 3.2 A (Typical) |
| **Irms (Rated Current)** | 2.5 A (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 1.5mm |
---
### 2. Key Features and Construction
The MPIA4015V2-4R7-R is designed for demanding environments, featuring several advanced engineering choices:
* **Metal Powder Core:** Uses a molded metal powder material that provides "soft" saturation characteristics. Unlike ferrite cores, it does not have a sharp drop-off in inductance when current limits are reached.
* **AEC-Q200 Grade 3:** It is qualified for automotive applications, ensuring high reliability under thermal shock, humidity, and vibration.
* **Magnetic Shielding:** The molded construction naturally provides electromagnetic interference (EMI) shielding, making it ideal for high-density PCB layouts.
* **Low Profile:** At only 1.5mm in height, it is suitable for thin electronic devices.
---
### 3. Applications
This inductor is typically used in DC-DC converters and power management modules. Common applications include:
1. **Automotive Electronics:** Infotainment systems, ADAS sensors, and instrument clusters.
2. **Industrial IoT:** Compact sensors and handheld controllers.
3. **Consumer Electronics:** Tablets, laptops, and portable medical devices where space is at a premium.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting variants:
```text
MPIA 40 15 V2 - 4R7 - R
| | | | | |
| | | | | +-- RoHS Compliant
| | | | +--------- Inductance Value (4.7 µH)
| | | +---------------- Version 2 (Improved materials/process)
| | +-------------------- Height (1.5 mm)
| +------------------------ Footprint (4.0 mm x 4.0 mm)
+------------------------------ Series Name (Automotive Power Inductor)
```
- ⤷
What is the difference between 'soft saturation' in metal powder cores versus ferrite cores?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
- ⤷ What are the recommended soldering profiles for this AEC-Q200 component?