MPIA4020V2-1R5-R
AI

The **MPIA4020V2-1R5-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton** (formerly Cooper Bussmann). It is part of the MPIA4020 series, characterized by its metal composite construction and compact surface-mount design.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 27 mΩ (Typical) / 32 mΩ (Max) |
| **Isat (Saturation Current)** | 5.8 A (approx. 30% drop in inductance) |
| **Irms (Heating Current)** | 4.8 A (approx. 40°C temperature rise) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 2.0mm |
| **Construction** | Metal Composite (Shielded) |
---
### 2. Key Features and Construction
* **AEC-Q200 Qualified:** This part is rigorously tested for automotive applications, ensuring high reliability under mechanical stress and temperature cycling.
* **Metal Composite Core:** Unlike traditional ferrite inductors, the composite core provides a "soft" saturation characteristic. This means the inductance drops gradually as current increases, rather than dropping off sharply.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) which is critical in dense PCB layouts.
* **Low DCR:** The design minimizes DC resistance to reduce power loss and improve efficiency in DC-DC converters.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **MPIA**: Series Name (Automotive Grade Metal Power Inductor)
* **4020**: Dimensions (4.0mm length/width, 2.0mm height)
* **V2**: Version/Generation (Improved materials/process)
* **1R5**: Inductance Value (1.5 microhenries)
* **-R**: RoHS Compliant
---
### 4. Common Applications
Due to its robust nature and high current handling, it is typically used in:
* **Automotive Electronics:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and LED lighting.
* **DC-DC Converters:** Point-of-load (POL) modules for high-efficiency power regulation.
* **Industrial IoT:** Powering sensors and communication modules in harsh environments.
* **Battery Powered Devices:** Where space is limited but high current peaks are expected.
- ⤷
How does the 'soft saturation' of a metal composite core compare to a ferrite core?
- ⤷ What are the recommended soldering profiles for the MPIA4020V2 series?
- ⤷ Are there lower-profile alternatives available in the same MPIA series?