MPIA4040R1-2R2-R
AI

The **MPIA4040R1-2R2-R** is a high-performance, automotive-grade power inductor manufactured by Eaton (formerly Cooper Bussmann). It belongs to the MPIA4040 series, known for its rugged construction and high power density.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of this electronic component:
| Prefix | Size Code | Revision | Inductance Value | Tolerance |
| :--- | :--- | :--- | :--- | :--- |
| **MPIA** | **4040** | **R1** | **2R2** | **-R** |
| Molded Power Inductor, Automotive | 4.7mm x 4.3mm footprint | Series revision/version | 2.2 Microhenries ($\mu H$) | RoHS Compliant |
---
### 2. Technical Specifications
The device is designed for DC-DC converter applications where space is limited and reliability is critical.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 $\mu H$ |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~40 mΩ (Typical) |
| **Rated Current (Irms)** | ~4.1 Amperes |
| **Saturation Current (Isat)** | ~5.5 Amperes |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 4040 (Metric: 4743) |
---
### 3. Key Features
* **AEC-Q200 Qualified:** Specifically tested for automotive environments, including high vibration and thermal shock.
* **Molded Construction:** The inductor is encased in a metal powder material which provides excellent magnetic shielding to reduce Electromagnetic Interference (EMI).
* **Soft Saturation:** Unlike ferrite core inductors, the magnetic material allows for a gradual drop in inductance as current increases, preventing sudden circuit failure.
* **Low Profile:** The height is typically around 1.2mm to 2.0mm, making it suitable for thin handheld devices or dense PCB layouts.
---
### 4. Typical Applications
This component is commonly found in the following electronic circuits:
1. **Automotive Infotainment:** Powering displays and navigation units.
2. **ADAS Systems:** Providing stable voltage for cameras and sensors.
3. **Industrial Computing:** Used in point-of-load (POL) converters.
4. **Battery Powered Devices:** High efficiency ensures longer battery life due to low DCR.
- ⤷
What are the main differences between MPIA and standard commercial MPI series?
- ⤷ How does the 'soft saturation' characteristic benefit a buck converter circuit?
- ⤷ What are the recommended soldering profiles for this specific molded inductor?