MPIA4040R1-3R3-R
AI

The **MPIA4040R1-3R3-R** is a high-performance power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPIA4040 series, which is specifically designed for automotive and industrial applications requiring high power density and reliability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 48 mΩ (Typical) / 58 mΩ (Max) |
| **Saturation Current ($I_{sat}$)** | 4.8 A |
| **RMS Current ($I_{rms}$)** | 3.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 1.2mm (4040) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
* **MPIA**: Metal Process Inductor, Automotive Grade.
* **4040**: Dimensions (approx. 4.7mm x 4.3mm footprint).
* **R1**: Revision or internal design code (1.2mm height profile).
* **3R3**: Inductance value (3.3 microhenries).
* **-R**: RoHS compliant.
---
### 3. Core Features & Materials
* **Molded Construction:** The inductor uses a metal powder molding technology. This provides a "soft saturation" characteristic, meaning the inductance drops gradually as current increases, rather than dropping off sharply.
* **Magnetic Shielding:** The molded body acts as a natural shield, significantly reducing Electromagnetic Interference (EMI) which is critical in sensitive automotive circuits.
* **AEC-Q200 Grade:** It is qualified for automotive use, meaning it can withstand high vibration, thermal shock, and mechanical stress.
---
### 4. Typical Applications
This component is commonly found in DC-DC converters and Point-of-Load (POL) modules for:
1. **Automotive Infotainment:** Powering screens and processors.
2. **ADAS Systems:** Sensors and camera modules.
3. **Industrial Computing:** Compact high-efficiency power supplies.
4. **Battery Powered Devices:** Due to its low profile (1.2mm) and high efficiency.
---
### 5. Soldering & Footprint
The device is a Surface Mount Device (SMD). Below is a representation of the typical landing pattern:
```text
4.0mm
[<---------->]
+------------+ ^
| [ PAD ] | |
| | | 4.0mm
| [ PAD ] | |
+------------+ v
```
---
- ⤷
What is the difference between soft saturation and hard saturation in inductors?
- ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?
- ⤷ What are the thermal considerations when running this part at its maximum RMS current?