AI

## Detailed Analysis of MPIA4040R2-1R0-R
The **MPIA4040R2-1R0-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the MPIA4040 series, known for its rugged construction and high current handling capabilities in a compact footprint.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MPIA** | Series Name | Miniature Power Inductor (Automotive Grade) |
| **4040** | Package Size | 4.7mm x 4.3mm (nominal) |
| **R2** | Revision/Version | Design iteration 2 |
| **1R0** | Inductance Value | **1.0 µH** (R denotes decimal) |
| **-R** | Compliance | RoHS Compliant |
---
### 2. Key Specifications
The following table highlights the electrical and physical properties of the 1.0 µH variant:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.0 µH ± 20% |
| **Rated Current ($I_{rms}$)** | ~7.7 Amperes (Typical) |
| **Saturation Current ($I_{sat}$)** | ~9.2 Amperes (Typical) |
| **DC Resistance (DCR)** | ~11.5 mΩ (Maximum) |
| **Operating Temperature** | -40°C to +125°C (Includes self-heating) |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 3. Construction and Technology
* **Material:** It uses a metal flake powder core. This construction provides "soft" saturation characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Molded Design:** The coil is encapsulated in a composite material. This makes the part highly resistant to mechanical shock, vibration, and moisture.
* **Shielding:** The molded construction naturally provides magnetic shielding, which is critical for preventing Electromagnetic Interference (EMI) in sensitive circuits.
---
### 4. Common Applications
Given its **AEC-Q200** qualification (Automotive Grade), it is primarily used in:
1. **Automotive Electronics:** Infotainment systems, Driver Assistance Systems (ADAS), and LED lighting.
2. **DC-DC Converters:** Used as a storage inductor in buck, boost, or buck-boost regulators.
3. **Industrial IoT:** High-density power supplies where space is limited but current demands are high.
4. **Battery Powered Devices:** Due to its low DCR, it helps maximize efficiency and battery life.
---
### 5. Design Considerations
* **Self-Heating:** Ensure that the sum of the ambient temperature and the temperature rise due to current ($I_{rms}$) does not exceed 125°C.
* **Saturation:** While it has soft saturation, designers should verify the peak current in the circuit does not exceed the $I_{sat}$ rating to avoid significant inductance loss.
* **Footprint:** The 4040 size is roughly **4.7 x 4.31 mm** with a height of **2.0 mm**, making it suitable for low-profile PCB designs.
---
- ⤷
What is the difference between Irms and Isat for this specific inductor?
- ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?
- ⤷ What are the recommended PCB land pattern dimensions for the MPIA4040 series?