MPIA4040R2-4R7-R
AI

The **MPIA4040R2-4R7-R** is a high-performance, automotive-grade power inductor manufactured by Eaton (formerly Cooper Bussmann). It belongs to the MPIA4040 series, known for its high power density and rugged construction.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific electrical characteristics:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **MPIA** | Series Name | Metal Process Inductor, Automotive Grade |
| **4040** | Package Size | 4.7mm x 4.06mm (Footprint) |
| **R2** | Height Code | 2.0mm maximum height |
| **4R7** | Inductance Value | **4.7 µH** (R denotes the decimal point) |
| **-R** | RoHS Compliance | Lead-free and RoHS compliant |
---
### 2. Key Technical Specifications
This component is designed for efficiency in DC-DC converter applications.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~70 mΩ (Typical) |
| **Rated Current ($I_{rms}$)** | ~3.1 A (Temperature rise dependent) |
| **Saturation Current ($I_{sat}$)** | ~3.5 A (Inductance drop dependent) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal powder core (Shielded) |
---
### 3. Core Features
* **Automotive Grade:** Qualified to **AEC-Q200 Grade 1** standards, making it suitable for under-the-hood or cabin electronics.
* **Magnetically Shielded:** The molded metal powder construction minimizes Electromagnetic Interference (EMI), which is critical in sensitive automotive circuits.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when over-current occurs, this metal powder core exhibits a gradual (soft) saturation curve.
* **High Efficiency:** Low DCR helps minimize power loss and heat generation during high-frequency switching.
---
### 4. Common Applications
Due to its robust nature and small footprint, it is frequently used in:
1. **Automotive Infotainment:** Powering displays and navigation systems.
2. **ADAS Systems:** Supplying stable voltage to sensors and cameras.
3. **DC-DC Converters:** Point-of-load (POL) modules in space-constrained environments.
4. **LED Lighting:** Driver circuits for automotive headlamps or interior lighting.
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there alternative inductors with a lower profile than 2.0mm in this series?
- ⤷ How does the metal powder core compare to a traditional ferrite core?