AI

The **MPIA4040R3-6R8-R** is a high-performance, automotive-grade miniature power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPIA4040 series, known for its rugged construction and high power density.
---
### 1. Technical Specifications
The part number encodes specific characteristics of the component. Below are the primary electrical and physical specifications:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 6.8 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR) Typ.** | 92 mΩ |
| **DC Resistance (DCR) Max.** | 110 mΩ |
| **Saturation Current ($I_{sat}$)** | 3.4 A |
| **RMS Current ($I_{rms}$)** | 2.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0 x 4.0 x 3.0 mm |
---
### 2. Part Number Breakdown
The nomenclature for this part is structured as follows:
- **MPIA**: Metal Process Inductor, Automotive Grade.
- **4040**: Dimensions (approx. 4.7mm x 4.3mm footprint).
- **R3**: Profile/Height code (approx. 3.0mm maximum height).
- **6R8**: Inductance value ($6.8 \times 10^0$ µH).
- **-R**: RoHS compliant.
---
### 3. Key Features & Material Composition
* **Molded Construction:** The inductor uses a metal powder core technology. The wire coil is placed inside a mold and pressed with iron powder resin, which provides excellent magnetic shielding and reduces audible "buzz" noise.
* **Soft Saturation:** Unlike ferrite core inductors that drop inductance sharply when current limits are exceeded, this metal powder core exhibits a gradual (soft) saturation curve.
* **AEC-Q200 Qualified:** It is tested for high reliability in automotive environments, making it resistant to mechanical shock, vibration, and moisture.
---
### 4. Common Applications
Due to its small footprint and high current handling, it is typically used in:
1. **Automotive Electronics:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and LED lighting.
2. **DC-DC Converters:** Point-of-load (POL) converters for microprocessors.
3. **Battery Powered Devices:** Handheld terminals or industrial sensors where space is limited but efficiency is required.
---
- ⤷What is the difference between Saturation Current and RMS Current in this inductor?
- ⤷ How does the metal powder core compare to a standard ferrite core?
- ⤷ Can this part be used in high-frequency switching regulators above 1MHz?