MPSA93G-AB3-R
AI

The **MPSA93G-AB3-R** is a high-voltage PNP epitaxial silicon transistor. It is primarily designed for applications requiring high breakdown voltages, such as telephony, video output stages, and high-voltage switching.
### 1. Key Specifications and Parameters
The following table summarizes the electrical characteristics and physical properties of the MPSA93G-AB3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Transistor Type** | Type | PNP | - |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -200 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -200 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V |
| **Collector Current (DC)** | $I_C$ | -500 | mA |
| **DC Current Gain** | $h_{FE}$ | 40 - 200 | - |
| **Transition Frequency** | $f_T$ | 50 | MHz |
| **Package Type** | Pkg | SOT-89 | - |
| **Lead-Free / RoHS** | Status | Compliant (G suffix) | - |
---
### 2. Part Number Breakdown
Understanding the suffix nomenclature helps in identifying specific manufacturing traits:
* **MPSA93**: The basic part number for a high-voltage PNP transistor.
* **G**: Represents "Halogen Free" or "Green" materials, ensuring RoHS compliance.
* **AB3**: Refers to the **SOT-89** package style (a small footprint, surface-mount package with good thermal dissipation).
* **R**: Indicates the packaging format, typically **Tape and Reel** for automated assembly.
---
### 3. Application Areas
Due to its high voltage rating and moderate current capacity, this part is commonly used in:
1. **Telecommunications**: Hook switches and line-driving circuits where line voltages can spike.
2. **Display Circuits**: Driving high-voltage stages in CRT or specialized LED displays.
3. **Level Shifting**: Translating control signals from low-voltage logic to high-voltage rails.
4. **Small Signal Switching**: General purpose switching where the rail voltage exceeds 100V.
---
### 4. Comparison: NPN Complement
In many push-pull or complementary circuits, the MPSA93 (PNP) is paired with its NPN counterpart:
* **Complementary NPN:** MPSA43
---
### 5. Pinout Configuration (SOT-89)
When looking at the top of the SOT-89 package (pins pointing down):
1. **Pin 1:** Base
2. **Pin 2/Tab:** Collector (The large center tab is also connected to the collector for heat sinking).
3. **Pin 3:** Emitter
- ⤷
What are the main differences between the SOT-89 and TO-92 versions of the MPSA93?
- ⤷ Can this transistor be used in PWM applications despite its 50MHz transition frequency?
- ⤷ What is the maximum power dissipation (Pd) for this specific SOT-89 package?