MPSA93L-AB3-R
AI

The **MPSA93L-AB3-R** is a High Voltage PNP Epitaxial Silicon Transistor. It is specifically designed for applications requiring high breakdown voltages, such as telephony, video output stages, and high-voltage switching.
---
### 1. Key Technical Specifications
The table below highlights the primary electrical characteristics of the MPSA93L-AB3-R:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -200 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -200 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5.0 | V |
| Collector Current (Continuous) | $I_C$ | -500 | mA |
| Total Power Dissipation ($T_A = 25^\circ C$) | $P_D$ | 625 | mW |
| DC Current Gain ($h_{FE}$) | $h_{FE}$ | 40 - 200 | - |
---
### 2. Breakdown of the Part Number
The nomenclature provides specific details regarding the manufacturing and packaging:
* **MPSA93**: The base part number (PNP High Voltage Transistor).
* **L**: Lead-free (RoHS compliant).
* **AB3**: Refers to the **SOT-89** package type (commonly used in surface mount applications).
* **R**: Tape and Reel packaging (indicates the method of delivery for automated assembly).
---
### 3. Application Areas
Due to its high voltage rating (-200V), this part is commonly found in the following circuits:
1. **Telecommunications**: Used in line-switching circuits and interface modules.
2. **Display Drivers**: High-voltage video output stages in older CRT monitors or specialized industrial displays.
3. **Power Supplies**: In the startup or feedback circuits of high-voltage SMPS (Switched-Mode Power Supplies).
4. **Signal Inversion**: High-side switching in industrial control systems.
---
### 4. Circuit Symbol and Pinout (SOT-89)
```text
[ SOT-89 ]
_______
| 2 | <-- Collector (Large Tab)
___|_______|___
| 1 2 3 |
|___|___|___|___|
| | |
B C E
```
* **Pin 1 (Base):** Controls the flow of current between Emitter and Collector.
* **Pin 2 (Collector):** Connected to the higher negative potential in PNP configuration.
* **Pin 3 (Emitter):** Usually connected to the positive rail or signal source in PNP circuits.
- ⤷
What are the main differences between the MPSA93 (PNP) and its NPN complement MPSA43?
- ⤷ How does the SOT-89 package thermal performance compare to the TO-92 version?
- ⤷ What is the typical saturation voltage (Vce sat) for this transistor at 20mA?