MPT715-R56E1
AI

The **MPT715-R56E1** is an integrated inductor module commonly used in high-current power management circuits, such as Voltage Regulator Modules (VRMs) for CPUs and GPUs. It is designed for high-frequency DC-DC converters where efficiency and space-saving are critical.
---
### ## Technical Specifications
Below are the typical electrical characteristics for this specific component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance Value** | 0.56 µH (indicated by "R56") |
| **Current Rating (Isat)** | ~30A to 50A (Saturation Current) |
| **DC Resistance (DCR)** | Very Low (typically < 1.0 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite Iron Powder / Alloy |
---
### ## Key Electronic Features
1. **High Saturation Current:**
The "R56" (0.56 microhenries) value is optimized for high-speed switching. The part is engineered to maintain its inductance even when high levels of current pass through it, preventing the core from saturating and losing efficiency.
2. **Low DCR (DC Resistance):**
Because it uses heavy-gauge copper windings, the internal resistance is extremely low. This minimizes power loss as heat, which is vital for modern high-efficiency power supplies.
3. **Shielded Construction:**
The component is magnetically shielded. This reduces Electromagnetic Interference (EMI) with neighboring sensitive components on the PCB (like RAM or the CPU).
4. **AEC-Q200 Compliance (Common for this series):**
Many parts in the MPT series are rated for automotive or industrial use, meaning they are vibration-resistant and thermally stable.
---
### ## Internal Structure & Workflow
In a standard buck converter circuit, the MPT715-R56E1 acts as the **Energy Storage Element**:
* **Switching Phase:** When the MOSFET turns on, energy is stored in the magnetic field of the MPT715.
* **Discharge Phase:** When the MOSFET turns off, the inductor releases that stored energy to the load, smoothing out the current pulses into a steady DC voltage.
---
### ## Typical Applications
* **Motherboards:** VCore power phases for high-end processors.
* **Graphics Cards:** Power delivery for GPUs (RTX/RX series).
* **Servers:** High-density DC-DC plug-in modules.
* **Network Equipment:** High-current routers and switches.
- ⤷What does the 'R56' signify in inductor naming conventions?
- ⤷ How does low DCR affect the overall efficiency of a VRM?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?