MPT750-R36H1
AI

The **MPT750-R36H1** is a high-performance, medical-grade AC-DC power supply module, typically manufactured by companies like **Adapter Technology** or similar industrial power solution providers. It is designed to deliver high wattage in a compact form factor while meeting stringent safety standards for healthcare environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 36V DC |
| **Output Current** | ~20.8A |
| **Total Power** | 750 Watts |
| **Input Voltage Range** | 90 - 264 VAC (Universal Input) |
| **Efficiency** | Up to 94% (80 PLUS Gold level or higher) |
| **Safety Standard** | IEC/EN/ANSI/AAMI 60601-1 (Medical 3.1 Edition) |
| **Isolation** | 2 x MOPP (Means of Patient Protection) |
---
### 2. Major Electronic Subsystems
The internal architecture of the MPT750 series consists of several critical stages:
#### A. Input & EMI Filtering
* **Purpose:** To prevent electromagnetic interference (EMI) from leaking back into the power grid and to protect the unit from surges.
* **Components:** X and Y capacitors, common-mode chokes, and a bridge rectifier.
#### B. Active Power Factor Correction (PFC)
* **Purpose:** Ensures the current waveform is in phase with the voltage, reducing harmonic distortion and improving efficiency.
* **Components:** High-speed MOSFETs and a dedicated PFC controller IC.
#### C. DC-DC Resonant Converter (LLC Topology)
* **Purpose:** This is the core "switching" part of the power supply. It converts high-voltage DC to the required 36V output.
* **Advantage:** Uses **Zero Voltage Switching (ZVS)** to minimize energy loss during power transitions, allowing for the high 750W output without excessive heat.
#### D. Secondary Rectification & Filtering
* **Purpose:** Smooths the high-frequency AC back into clean 36V DC.
* **Components:** Schottky barrier diodes or Synchronous Rectifiers (MOSFETs) and low-ESR electrolytic capacitors.
---
### 3. Safety and Protection Circuits
As a medical-grade device, the MPT750-R36H1 includes robust protection layers:
1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds 36V to prevent damage to the medical device.
2. **Over-Current Protection (OCP):** Limits the output if the connected load draws more than ~21A.
3. **Short Circuit Protection (SCP):** Recovers automatically once the short is removed.
4. **Thermal Protection:** Integrated sensors reduce power or shut down the unit if internal temperatures exceed safe operating limits.
---
### 4. Mechanical & Thermal Management
* **Cooling:** Usually requires forced air cooling (fan) to reach the full 750W rating, though it may have a lower "convection cooled" rating.
* **Form Factor:** Designed for "U-Chassis" or "Enclosed" mounting within larger medical diagnostic or therapeutic equipment.
---
- ⤷
What are the specific leakage current limits for the MPT750-R36H1 under medical standards?
- ⤷ Can this power supply be used in non-medical industrial applications?
- ⤷ Does this model support parallel operation for higher power requirements?