MPT750-R56H1
AI

The **MPT750-R56H1** is a high-performance, surface-mount (SMD) **Molded Power Inductor**. It is primarily designed for high-current power supply circuits, such as DC-DC converters, where efficiency and compact size are critical.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, here are the primary electrical characteristics:
| Parameter | Value / Specification |
|:---|:---|
| **Inductance** | 0.56 µH (indicated by "R56") |
| **Tolerance** | ±20% (Standard for this series) |
| **Footprint / Size** | 750 Series (Approx. 7.5mm x 7.0mm) |
| **Core Material** | Metal Alloy / Carbonyl Powder (Molded) |
| **Operating Temp** | -40°C to +125°C (including self-heating) |
---
### 2. Physical and Structural Parts
The "MPT" series utilizes a **Molded Construction** which differs from traditional wire-wound inductors.
1. **Magnetic Metal Powder Core:** The coil is embedded directly into a metallic magnetic powder. This allows for a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly when current increases.
2. **Flat Internal Coil:** Often uses flat copper wire to minimize DC Resistance (DCR) and improve heat dissipation.
3. **Shielding:** The molded body acts as a natural magnetic shield, significantly reducing Electromagnetic Interference (EMI).
4. **Terminals:** Lead-free (RoHS compliant) solder pads integrated into the base of the molded body.
---
### 3. Applications and Use Cases
The MPT750-R56H1 is commonly used in high-frequency switching environments:
* **Voltage Regulator Modules (VRMs):** Found in servers and high-end PCs.
* **Point of Load (POL) Converters:** Converting a main power rail to a lower voltage for CPUs or GPUs.
* **Battery Powered Devices:** Used in tablets or laptops where low-profile components are required.
* **Automotive Electronics:** (If Grade 1 or 0 certified) used in infotainment or ADAS systems.
---
### 4. Comparison: Molded vs. Traditional Inductors
| Feature | Molded Inductor (MPT750) | Traditional Shielded Inductor |
|:---|:---|:---|
| **Acoustic Noise** | Very Low (No coil vibration) | Can exhibit "buzzing" |
| **Saturation** | Soft (Gradual) | Hard (Sudden drop) |
| **EMI Shielding** | Excellent (Integrated) | Moderate |
| **Size/Profile** | Ultra-Low Profile | Generally Taller |
---
### Summary of "R56H1" Suffix
* **R56**: Represents the Inductance value ($0.56 \text{ }\mu\text{H}$).
* **H1**: Usually refers to a specific production series or a height variation (e.g., 5.0mm height) depending on the specific manufacturer's catalog (likely **ITG Electronics** or similar).
- ⤷
What are the saturation current (Isat) and heating current (Irms) ratings for this specific inductor?
- ⤷ Can you explain the 'soft saturation' curve of metal alloy inductors compared to ferrite cores?
- ⤷ What are the recommended soldering profile requirements for the MPT750 series?