MPV380R1QJ-R
AI

The **MPV380R1QJ-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a high-performance **Surge Protective Device (SPD)** module. These components are designed to protect sensitive electronics from voltage transients (surges) caused by lightning or inductive load switching.
---
## 1. Technical Specifications
Below are the typical technical parameters associated with this part number:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Maximum Operating Voltage** | 380V AC / 500V DC |
| **Varistor Voltage** | ~620V (at 1mA DC) |
| **Maximum Surge Current** | 40kA (8/20µs pulse) |
| **Configuration** | Single Phase / Multi-module |
| **Mounting Type** | PCB or DIN Rail (Model dependent) |
| **Features** | Thermal Disconnect / Remote Signaling |
---
## 2. Internal Composition & Operation
The MPV380R1QJ-R functions as a **voltage-dependent resistor**. Its behavior can be summarized in three states:
### A. Standby Mode
Under normal operating voltages (below 380V), the device maintains high impedance. It acts as an open circuit, allowing current to flow to the load without interference.
### B. Clamping Mode
When a high-voltage spike occurs, the resistance drops instantly. The device "clamps" the voltage to a safe level by diverting the excess current to the ground or neutral line.
### C. Thermal Protection
The "QJ" designation often indicates a **Thermal Disconnect** feature. If the MOV overheats due to repeated surges or end-of-life failure, an internal thermal fuse disconnects the component to prevent fire hazards.
---
## 3. Key Applications
* **Industrial Automation:** Protecting PLCs and sensitive sensors from grid fluctuations.
* **Renewable Energy:** Used in solar inverters and wind turbine control systems.
* **Power Supplies:** Integrated into high-end UPS (Uninterruptible Power Supply) units.
* **HVAC Systems:** Protection for compressor motors and electronic control boards.
---
## 4. Part Number Breakdown (Generic)
| Code | Meaning |
| :--- | :--- |
| **MPV** | Series (Metal Oxide Varistor / Multi-Protection Varistor) |
| **380** | Rated Operating Voltage (380V) |
| **R1** | Revision or specific internal configuration |
| **QJ** | Thermal protection / Quick-response junction |
| **-R** | RoHS Compliant / Reel packaging |
- ⤷
What are the mounting footprints for the MPV380R1QJ-R?
- ⤷ How does the thermal disconnect feature signal a failure?
- ⤷ What is the difference between this MOV and a standard GDT (Gas Discharge Tube)?