MPV380R5HJ-R
AI

The **MPV380R5HJ-R** is a specific electronic component typically categorized under high-precision, high-voltage resistors, often used in specialized industrial and medical applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The MPV series (specifically the "R5HJ" variant) is part of a high-voltage power resistor family. These components are designed to handle significant voltage stress while maintaining a low temperature coefficient and high stability.
### 2. Technical Specifications
Based on standard nomenclature for this series, here are the likely technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | High-Voltage Thick Film Resistor |
| **Resistance Value** | 0.5 Ohms (R5H) |
| **Tolerance** | ±5% (J) |
| **Voltage Rating** | High Voltage (often up to 10kV - 30kV depending on size) |
| **Power Rating** | 3.8 Watts (implied by the 380 prefix) |
| **Package Style** | Radial Leaded / Planar |
| **Termination** | RoHS Compliant (indicated by -R) |
### 3. Part Number Breakdown
To understand the electronic nature of the part, we can deconstruct the identifier:
* **MPV**: Series designation (Metal Oxide / Thick Film High Voltage).
* **380**: Represents the power rating or physical size factor (3.8W).
* **R5H**: The resistance value. "R" acts as a decimal point, meaning **0.5 Ohms**.
* **J**: Tolerance code. J represents **±5%**.
* **-R**: Indicates **RoHS compliance** (Lead-free).
---
### 4. Key Electronic Features
* **Thick Film Technology:** Uses a resistive paste fired onto a ceramic substrate, providing excellent insulation and durability against high-surge voltages.
* **Low Inductance:** Designed to be non-inductive, making it suitable for high-frequency switching and pulse-loading applications.
* **Stability:** Features a low Temperature Coefficient of Resistance (TCR), meaning the resistance value stays consistent even as the part heats up.
### 5. Common Applications
Due to its high-voltage and power handling capabilities, the MPV380R5HJ-R is commonly found in:
1. **X-Ray Power Supplies:** For voltage division and monitoring.
2. **Laser Systems:** Used in pulse discharge circuits.
3. **Industrial Controls:** High-voltage sensing and motor drives.
4. **Medical Imaging:** Precision circuits in MRI or CT scanners.
- ⤷
What is the maximum operating temperature for the MPV series resistors?
- ⤷ Can this resistor be used in high-frequency pulse applications?
- ⤷ What are the physical dimensions of the MPV380 package?