MPV380R8PJ-R
AI

The **MPV380R8PJ-R** is a high-performance, shielded power inductor typically manufactured by brands like **ITG Electronics**. It is designed for high-frequency DC-DC converters, Voltage Regulator Modules (VRM), and point-of-load (POL) applications.
---
### ## Technical Specifications
Below is a breakdown of the key electronic characteristics of the MPV380R8PJ-R:
| Parameter | Value/Description |
| :--- | :--- |
| **Inductance** | 0.80 µH (nominal) |
| **Tolerance** | ±20% |
| **Saturation Current ($I_{sat}$)** | High (typically ~30A to 40A range depending on temp) |
| **DC Resistance (DCR)** | Ultra-low (measured in mΩ) |
| **Core Material** | Composite Powder / Iron Core |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### ### Key Electronic Components & Design
#### 1. Composite Powder Core
The "P" in the part number often signifies a **Pressed Powder** core. Unlike traditional ferrite cores, these are made from insulated metal particles.
* **Benefit:** Provides a "soft" saturation curve, meaning the inductance drops gradually rather than abruptly as current increases.
#### 2. Flat Wire Technology
The internal winding often uses flat copper wire instead of round wire.
* **Benefit:** Maximizes the cross-sectional area and reduces the "Skin Effect" at high frequencies, which keeps DCR extremely low and prevents overheating.
#### 3. Magnetic Shielding
The inductor is fully encapsulated in a magnetic resin or metal housing.
* **Benefit:** Minimizes Electro-Magnetic Interference (EMI) with neighboring components on the PCB, which is critical for dense power stages.
---
### ### Common Applications
Due to its low DCR and high current handling, it is frequently found in:
* **Server CPU/GPU Power:** Multiphase buck converters for high-end processors.
* **Graphics Cards:** Powering high-wattage memory and logic rails.
* **Network Switches:** High-density power modules.
---
### ### Footprint and Physical Dimensions
The **380** in the series code usually refers to the physical size (e.g., approximately 10mm x 7mm or similar industrial standard footprint). It features robust solder pads designed to handle high thermal stress during the reflow process.
- ⤷
What is the exact saturation current rating for the MPV380R8PJ-R?
- ⤷ How does flat wire technology improve efficiency compared to round wire?
- ⤷ What are the recommended reflow soldering profiles for this inductor?