Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MPV3J20S8PJ-R

  • AI
    The **MPV3J20S8PJ-R** is a specific part number typically associated with high-performance electronic modules, often within the realm of **Power Management** or **Voltage Regulation** (specifically focusing on DC-DC converters or Power Modules). Below is a detailed breakdown of the technical aspects related to this component series. --- ## 1. Component Overview This component is generally categorized as a **Surface Mount (SMD) Power Module**. These are "all-in-one" solutions that integrate the controller, MOSFETs, and sometimes the inductor into a single package to save PCB space. ### Key Specifications (Typical) | Parameter | Description | | :--- | :--- | | **Type** | DC-DC Step-Down (Buck) Converter Module | | **Input Voltage Range** | Typically 4.5V to 20V (Common for the J20 series) | | **Output Current** | ~8A to 20A (Depending on specific sub-rating) | | **Package** | LGA (Land Grid Array) or QFN-style Power Package | | **Mounting Type** | Surface Mount (SMT) | --- ## 2. Pinout and Internal Architecture The "S8" in the part number often refers to the internal switching frequency or specific pin configuration. The internal architecture typically includes: 1. **High-Side & Low-Side MOSFETs:** Integrated to provide high efficiency (up to 95%). 2. **Internal Compensation:** Reduces the need for external resistors and capacitors. 3. **Protection Circuits:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. * **UVLO:** Under-Voltage Lockout. 4. **Soft-Start:** Prevents inrush current during power-up. --- ## 3. Typical Applications Because of its high power density and small footprint, the MPV series is commonly found in: * **Networking Equipment:** Routers, switches, and base stations. * **Computing:** Server motherboards and Point-of-Load (POL) regulation. * **Industrial:** High-precision automation systems requiring stable 3.3V, 1.8V, or 1.2V rails. --- ## 4. Soldering and Handling The **"-R"** suffix usually denotes **Tape and Reel** packaging, intended for high-speed automated assembly (Pick and Place machines). ```markdown Note: Since this is an LGA/QFN style package, precise solder paste stencil design is required to avoid bridging under the component, especially for the high-current thermal pads. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the MPV3J20S8PJ-R?
    • ⤷ Can you provide the specific datasheet pinout for this module?
    • ⤷ What are the recommended external capacitor values for this part?