MPZ2012S101A
AI

The **MPZ2012S101A** is a high-performance chip bead (ferrite bead) manufactured by **TDK**. It is primarily used for noise suppression in electronic circuits, particularly in power lines.
---
### 1. Key Specifications
The following table summarizes the technical parameters of the component:
| Parameter | Specification |
| :--- | :--- |
| **Impedance (at 100MHz)** | 100 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.02 $\Omega$ |
| **Rated Current (Max)** | 4.0 A (4000 mA) |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size (Metric/EIA)** | 2012 / 0805 |
| **Dimensions (L x W x T)** | 2.0 x 1.25 x 0.85 mm |
---
### 2. Functional Characteristics
The MPZ series is designed for power line noise reduction. Unlike standard inductors, ferrite beads are designed to dissipate high-frequency noise as heat rather than storing it.
* **Low DC Resistance:** With a resistance of only 0.02 $\Omega$, it minimizes voltage drops and power loss, making it ideal for high-current power rails.
* **High Current Handling:** Capable of handling up to 4A, which is significant for a small 0805 (2012) package.
* **Impedance Profile:** It provides a "S-type" frequency characteristic, which is a standard type used for a wide range of frequencies, effectively suppressing EMI (Electromagnetic Interference).
---
### 3. Application Examples
Commonly found in the following circuit types:
1. **Power Supply Lines:** Filtering noise in DC-DC converters and LDO outputs.
2. **Mobile Devices:** Used in smartphones and tablets to prevent interference between digital and analog sections.
3. **Computing:** Decoupling power pins for CPUs, GPUs, and high-speed memory modules.
---
### 4. Part Number Breakdown
`MPZ` `2012` `S` `101` `A`
* **MPZ:** Series Name (Multilayer Chip Bead for Power Lines).
* **2012:** Dimensions (2.0mm x 1.2mm).
* **S:** Material type (Standard frequency characteristics).
* **101:** Impedance value ($10 \times 10^1 = 100 \Omega$).
* **A:** Terminal material / Internal code.
- ⤷What is the difference between MPZ and MMZ series from TDK?
- ⤷ How does frequency affect the impedance of this ferrite bead?
- ⤷ Are there automotive-grade versions of the MPZ2012S101A?