MPZ2012S102A
AI

The **MPZ2012S102A** is a high-performance chip bead (ferrite bead) manufactured by **TDK**. It is primarily used for noise suppression in electronic circuits, particularly in power lines.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Series** | MPZ (High current power line type) |
| **Case Size** | 2012 (Metric) / 0805 (Inch) |
| **Impedance** | $1000 \, \Omega \pm 25\%$ (at 100 MHz) |
| **Rated Current** | 1.5 Amperes (Max) |
| **DC Resistance (RDC)** | 0.10 $\Omega$ (Max) |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Physical Dimensions
The "2012" designation refers to the physical footprint of the surface mount device (SMD).
| Dimension | Value (mm) |
| :--- | :--- |
| Length (L) | $2.00 \pm 0.20$ |
| Width (W) | $1.25 \pm 0.20$ |
| Thickness (T) | $0.85 \pm 0.20$ |
---
### 3. Functional Characteristics
The MPZ series is designed differently than standard signal line beads:
* **High Current Capability:** Unlike standard beads, the MPZ series is optimized for low RDC to prevent overheating when used in power supply lines (DC-to-DC converters, battery lines).
* **Impedance Profile:** The "S" material provides standard frequency characteristics, effectively suppressing noise across a broad range of frequencies, peaking at 100MHz.
* **Noise Absorption:** It acts as a low-pass filter, converting high-frequency electromagnetic interference (EMI) into heat through the magnetic properties of the ferrite material.
---
### 4. Typical Applications
* **Consumer Electronics:** Smartphones, tablets, and portable gaming consoles.
* **Power Supplies:** Filtering the output of switching regulators.
* **Automotive/Industrial:** Suppression of noise in control modules and sensory equipment.
---
### 5. Implementation Example
In a typical circuit, the bead is placed in series with the $V_{CC}$ or $V_{DD}$ line as close to the noise source (or the sensitive component) as possible.
```python
# Simple representation of placement
[Power Source] --- (MPZ2012S102A) --- [Decoupling Cap] --- [IC VCC Pin]
```
- ⤷
What is the difference between the MPZ series and the MMZ series from TDK?
- ⤷ How does the impedance change as the frequency exceeds 100MHz for this part?
- ⤷ Can this part be used in automotive applications requiring AEC-Q200 qualification?