MPZ2012S300ATD25
AI

## MPZ2012S300ATD25: Component Overview
The **MPZ2012S300ATD25** is a high-performance **Chip Bead** (also known as a Ferrite Bead) manufactured by **TDK Corporation**. It is part of the MPZ series, which is specifically designed for power line noise suppression.
---
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Impedance** | 30 $\Omega$ | Measured at 100 MHz |
| **DC Resistance (DCR)** | 0.01 $\Omega$ (Max) | Extremely low to minimize power loss |
| **Rated Current** | 6.0 A | High current handling capability |
| **Case Size (EIA/Metric)** | 0805 / 2012 | 2.0mm x 1.25mm footprint |
| **Operating Temp** | -55°C to +125°C | Automotive/Industrial grade |
| **Material Type** | S Material | Standard frequency characteristics |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying the component's physical and electrical properties:
* **MPZ**: Series Name (Multilayer chip bead for power lines).
* **2012**: Dimensions (Length 2.0mm x Width 1.25mm).
* **S**: Material Code (Standard type for general signal/power lines).
* **300**: Impedance value (30 x $10^0$ = 30 $\Omega$).
* **A**: Characteristic type.
* **T**: Packaging (Taping / Reel).
* **D25**: Specific internal code (often relates to thickness or automotive grade).
---
### 3. Core Functions and Applications
#### Noise Suppression
Unlike a standard inductor that stores energy, a ferrite bead acts like a **frequency-dependent resistor**. At high frequencies, it converts electromagnetic interference (EMI) into heat, effectively "filtering" noise out of the circuit.
#### Applications
* **Power Supply Lines:** Removing ripples from DC-DC converters or switching power supplies.
* **Automotive Electronics:** Used in Engine Control Units (ECUs) and Infotainment systems due to high reliability.
* **Consumer Electronics:** Smart phones, tablets, and laptops to prevent high-frequency interference.
---
### 4. Why Use This Specific Part?
1. **High Current Capacity:** While many beads handle only 500mA to 2A, this part handles **6 Amps**, making it ideal for the main power rails of high-performance processors.
2. **Low DCR:** The 0.01 $\Omega$ resistance ensures that there is a negligible voltage drop across the component, maintaining power efficiency.
3. **AEC-Q200 Compliant:** The "D25" suffix typically indicates compliance with automotive stress test qualifications, ensuring durability against vibration and thermal shock.
- ⤷
What is the difference between an MPZ series bead and a standard inductor?
- ⤷ How does temperature affect the rated current of this ferrite bead?
- ⤷ Can this part be used for high-speed data line filtering?