MPZ2012S601ATD25
AI

The **MPZ2012S601ATD25** is a high-performance chip bead manufactured by TDK. It is specifically designed for noise suppression (EMI filtering) in power lines.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Impedance at 100MHz** | 600 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.1 $\Omega$ |
| **Rated Current (Max)** | 2.0 A |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size (EIA/Metric)** | 0805 / 2012 |
| **Dimensions (L x W x T)** | 2.0mm x 1.25mm x 0.85mm |
---
### 2. Detailed Component Breakdown
#### A. Series Functionality (MPZ Series)
The "MPZ" series indicates that this is a **Multilayer Chip Bead** designed for power line applications. Unlike standard signal beads, MPZ series parts are engineered to have low DC resistance to handle higher currents without significant power loss or overheating.
#### B. Impedance Characteristics
At low frequencies, this part acts as a conductor with very low resistance. However, at high frequencies (specifically around 100MHz), it provides an impedance of **600 Ohms**. This converts high-frequency electromagnetic interference (EMI) noise into heat, effectively filtering it out of the circuit.
#### C. Part Number Nomenclature
The part number can be decoded as follows:
* **MPZ**: Multilayer Power Chip Bead.
* **2012**: Dimensions (2.0mm length x 1.25mm width).
* **S**: Standard material type (for general noise suppression).
* **601**: Impedance value (60 followed by one zero = 600 $\Omega$).
* **A**: Internal code/Characteristic.
* **T**: Taping (Packaging style).
* **D25**: Specific internal characteristic or tolerance rating.
---
### 3. Common Applications
Due to its high current rating (2A) and compact 0805 size, it is commonly used in:
1. **Consumer Electronics:** Smartphones, tablets, and laptops.
2. **Power Supplies:** DC-DC converters and battery management systems.
3. **Industrial Equipment:** Noise filtering on power distribution boards.
4. **Automotive:** (If qualified) for infotainment and control systems.
---
### 4. Comparison with Standard Inductors
Unlike a standard inductor which stores energy, this chip bead is **dissipative**.
* **Inductor:** Reflects noise back to the source.
* **Chip Bead (MPZ):** Absorbs high-frequency noise and dissipates it as a negligible amount of heat, preventing resonance issues in the power line.
- ⤷
How does the DC resistance of this bead affect power efficiency?
- ⤷ What is the difference between the MPZ and MMZ series from TDK?
- ⤷ Can this part be used in high-speed data lines instead of power lines?