MRF01-R-178
AI

The **MRF01-R-178** is a specialized electronic component primarily categorized as a **Micro-Coaxial RF Connector** (often associated with Hirose or compatible series like U.FL). It is designed for high-frequency signal transmission in compact electronic devices.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and physical characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Component Type** | Micro-Coaxial SMT Receptacle |
| **Frequency Range** | DC to 6 GHz |
| **Characteristic Impedance** | 50 Ohms |
| **Voltage Rating** | 60V AC (rms) |
| **VSWR (Max)** | 1.3 to 1.5 (depending on frequency) |
| **Mated Height** | ~1.25mm to 1.9mm (Ultra-low profile) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Physical Construction
The part consists of three main structural elements:
1. **Center Contact:** Usually made of gold-plated phosphor bronze to ensure high conductivity and resistance to oxidation.
2. **Insulator:** High-temperature plastic (LCP - Liquid Crystal Polymer) that maintains structural integrity during reflow soldering.
3. **Outer Shell (Ground):** Silver or gold-plated brass/phosphor bronze, providing the necessary shielding to prevent EMI (Electromagnetic Interference).
---
### 3. Applications
Due to its miniature size and high-frequency capabilities, the MRF01-R-178 is commonly used in:
* **Wireless Modules:** Wi-Fi, Bluetooth, and Zigbee cards.
* **Mobile Devices:** Smartphones, tablets, and handheld GPS units.
* **IoT Hardware:** Small sensors and gateways requiring external antenna connections.
* **Embedded Systems:** Connecting internal PCB antennas to the main processing board.
---
### 4. Comparison: Receptacle vs. Plug
| Feature | Receptacle (R-178) | Plug (Cabled) |
| :--- | :--- | :--- |
| **Mounting** | Surface Mount (SMT) on PCB | Crimped to Coaxial Cable |
| **Gender** | Male (Central Pin) | Female (Socket) |
| **Durability** | ~30 Mating Cycles | ~30 Mating Cycles |
---
### 5. Soldering and Handling Notes
* **SMT Process:** These parts are usually supplied on Tape & Reel for automated pick-and-place assembly.
* **Delicacy:** Because of the micro-scale, manual soldering is difficult and can lead to "wicking" where solder enters the contact area, ruining the connector.
* **Mating:** Always use a specialized extraction tool to disconnect the plug from the receptacle to avoid ripping the pads off the PCB.
- ⤷
What are the compatible cable types for the MRF01-R-178 receptacle?
- ⤷ How does the VSWR change at frequencies above 3 GHz for this connector?
- ⤷ What are the common alternatives to the MRF01 series for high-vibration environments?