Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MS91-12-R

  • AI
    The **MS91-12-R** is a specific electronic component, typically categorized as a **High-Voltage Reed Relay**. These devices are designed to provide high galvanic isolation while switching high voltages in a compact form factor. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the MS91-12-R series: | Parameter | Specification | | :--- | :--- | | **Coil Voltage (Nominal)** | 12 VDC | | **Contact Form** | 1 Form A (Normally Open / SPST-NO) | | **Max Switching Voltage** | Up to 1000V DC / Peak AC | | **Max Switching Current** | 0.5 A to 1.0 A | | **Isolation Voltage** | 2.5 kV to 4 kV DC (Between Coil and Contact) | | **Package Type** | SIL (Single In-Line) or Mini-SIP | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Internal Components & Operation The MS91-12-R consists of several critical electronic sub-parts: 1. **Reed Switch:** A hermetically sealed glass tube containing two ferromagnetic blades. In this model, they are usually plated with **Rhodium** or **Ruthenium** to handle high-voltage arcing without welding. 2. **Electromagnetic Coil:** A copper wire winding around the reed switch. When 12V is applied, it creates a magnetic field that pulls the reed blades together, closing the circuit. 3. **Magnetic Shield (Optional):** Many units include an internal Mu-metal shield to prevent interference from adjacent relays on a PCB. 4. **Damping Diode (Optional):** Some variants include an internal diode across the coil to suppress "flyback" voltage spikes when the coil is de-energized. --- ### 3. Application Use Cases Due to its high isolation and reliable switching, the MS91-12-R is used in: * **ATE (Automatic Test Equipment):** For routing high-voltage signals to ICs. * **Medical Equipment:** Providing patient isolation in diagnostic tools. * **Inverters/Solar Power:** Monitoring insulation resistance in high-voltage strings. * **Telecom:** High-speed line switching where low capacitance is required. --- ### 4. Circuit Symbol & Connection In a standard PCB layout, the MS91-12-R follows this logic: * **Pins 1 & 2:** Coil Inputs (12V DC). * **Pins 3 & 4:** Switch Contacts (The "High Voltage" side). ```mermaid graph LR A[12V Source] --> B(Pin 1: Coil +) C[Ground] --> D(Pin 2: Coil -) E[High Voltage Line] --- F(Pin 3: Contact) G(Pin 4: Contact) --- H[Load] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MS91 series and standard electromechanical relays?
    • ⤷ How does the 'R' suffix impact the environmental compliance of the part?
    • ⤷ What is the maximum power rating (Watts) for the MS91-12-R contacts?