AI

The **MSM586** (also known as the MSM586RS) is a legacy integrated circuit primarily designed as a **vacuum fluorescent display (VFD) driver** with integrated clock/timing capabilities. It was commonly manufactured by OKI Electric Industry.
---
## 1. Core Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Device Category** | 4-Digit VFD Clock/Timer Driver |
| **Logic Technology** | P-Channel Metal Gate MOS (PMOS) |
| **Display Support** | 4-digit common cathode/anode VFDs |
| **Voltage Range ($V_{DD}$)** | Typically -12V to -18V |
| **Clock Frequency** | 50Hz or 60Hz (AC Line Synchronization) |
| **Package Type** | 24-pin Dual-In-line Package (DIP) |
---
## 2. Key Internal Components
The chip functions as a self-contained timing system. Its internal architecture consists of the following electronic blocks:
### A. Input Timing Logic
The device does not use an internal crystal oscillator. Instead, it relies on a **50Hz/60Hz reference signal** derived from the AC power line. This signal is fed into a Schmitt trigger to ensure clean pulses for the counter stages.
### B. Counters and Dividers
* **Dividers:** Scale the 50/60Hz input down to 1 pulse per second.
* **Time Counters:** Manage 60 seconds, 60 minutes, and 12/24-hour cycles.
* **Setting Logic:** Internal gates for "Fast Forward" and "Slow Forward" time adjustment.
### C. Output Drivers (VFD Interface)
VFDs require relatively high voltages to illuminate the phosphor. The MSM586 features **High-Voltage PMOS outputs** capable of directly driving the segments and grids of a VFD without the need for external transistor arrays.
---
## 3. Typical Pin Configuration (Functional Groups)
1. **Power Supply ($V_{SS}, V_{DD}$):** $V_{SS}$ is usually ground, while $V_{DD}$ is the negative supply.
2. **Clock Input:** Receives the AC line frequency.
3. **Setting Pins:** Input pins for Hours/Minutes set, usually connected to momentary push buttons.
4. **Display Outputs:**
* **Segment Outputs:** (a, b, c, d, e, f, g) for forming digits.
* **Digit Selection (Grids):** Pins to multiplex the four digits.
5. **Control Pins:** 50/60Hz selection and 12/24-hour format selection.
---
## 4. Application Circuit Example
```text
AC Power (50/60Hz) --> Step-down Transformer --> Bridge Rectifier
|
+--> [MSM586 Input Pin]
|
[MSM586 Logic] ----> [VFD Grids/Segments]
|
[Push Buttons] ----> [Time Adjust Pins]
```
---
## 5. Modern Usage and Substitutes
The MSM586 is now considered an **obsolete/vintage part**. It is rarely used in new designs because modern microcontrollers (like Arduino/ESP32) can handle timing and display driving with much higher efficiency. However, it remains a critical component for hobbyists restoring:
* Vintage digital bedside clocks.
* Retro car dashboard clocks (1970s-80s).
* Early digital microwave timers.
- ⤷What are the voltage requirements for the VFD segments driven by the MSM586?
- ⤷ Can I use a crystal oscillator instead of the 50/60Hz AC line input?
- ⤷ What is the difference between the MSM586 and the MSM582?