AI

The **MSM586SEN** is a specialized Integrated Circuit (IC) produced by **OKI Electric Industry** (now part of ROHM Semiconductor). It is primarily known as a **Real-Time Clock (RTC)** and **Calendar** chip, commonly used in early computing systems and embedded devices to maintain time.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the MSM586SEN:
| Feature | Specification |
| :--- | :--- |
| **Type** | Real-Time Clock / Calendar |
| **Interface** | Parallel (Bus-oriented) |
| **Supply Voltage (Vcc)** | 2.0V to 6.0V (Typical 5V) |
| **Package Type** | 18-pin DIP (Dual In-line Package) |
| **Clock Input** | 32.768 kHz Crystal Oscillator |
| **Logic** | CMOS Low Power Technology |
---
## 2. Key Internal Components
The chip is divided into several functional blocks that manage timekeeping and data transfer:
### A. Oscillator Circuit
The IC contains an internal inverter for use with an external **32.768 kHz** crystal. This frequency is standard because it can be divided by $2^{15}$ to produce exactly one pulse per second.
### B. Register Map
The MSM586SEN stores time data in BCD (Binary Coded Decimal) format. It tracks:
* Seconds, Minutes, Hours
* Day of the week
* Day of the month, Month, Year
* Leap year compensation
### C. Bus Interface
It features an asynchronous bus interface, meaning it communicates with a CPU using standard `RD` (Read), `WR` (Write), and `CS` (Chip Select) signals. It acts as a peripheral mapped into the memory or I/O space of the processor.
---
## 3. Pin Configuration (18-pin DIP)
While specific pinouts should always be verified against the official datasheet, the general layout includes:
1. **Vcc / GND:** Power supply pins.
2. **XT / XT-bar:** Connections for the 32.768 kHz crystal.
3. **D0 - D3:** 4-bit Data Bus (common in older 4-bit or 8-bit systems).
4. **A0 - A3:** Address lines to select which time register to read/write.
5. **Control Lines:** `CS` (Chip Select), `RD` (Read), `WR` (Write).
---
## 4. Operational Features
* **Low Power Consumption:** Designed to run off a small battery (like a CR2032) when the main system power is turned off.
* **12/24 Hour Format:** Can be toggled between standard or military time formats.
* **Interrupt Outputs:** Can often be programmed to send a signal to the CPU at specific intervals (1 second, 1 minute, etc.).
---
## 5. Typical Application Circuit
```c
// Pseudo-logic for reading the clock
1. Set CS (Chip Select) to LOW.
2. Place the Address of the "Seconds" register on A0-A3.
3. Set RD (Read) to LOW.
4. Read BCD data from D0-D3.
5. Set RD and CS back to HIGH.
```
- ⤷
What are the modern replacements for the MSM586SEN in current hardware designs?
- ⤷ How does the leap year compensation logic function in this specific IC?
- ⤷ What is the typical battery backup circuit used with this chip?