MT240-R-A
AI

The **MT240-R-A** is a specific model within the MT240 series of industrial touchscreen terminals, typically used as an HMI (Human Machine Interface) or a programmable controller in automation systems.
### 1. Key Technical Specifications
The "R-A" suffix generally denotes specific hardware revisions or communication configurations (often involving RS-232/485 capabilities).
| Component | Specification | Details |
| :--- | :--- | :--- |
| **Display Type** | TFT LCD | High-contrast color display |
| **Resolution** | 320 x 240 pixels | QVGA standard for industrial panels |
| **Touch Panel** | Resistive | 4-wire high-precision analog resistive |
| **Processor** | 32-bit RISC | Optimized for low power and GUI rendering |
| **Input Voltage** | 24V DC | Standard industrial power supply range |
| **Storage/Memory** | Flash & SDRAM | Used for OS image and project data storage |
---
### 2. Internal Electronic Architecture
The device is composed of several critical electronic sub-systems:
#### A. Main Processing Board
* **MCU/MPU:** A 32-bit ARM-based processor manages the logic execution and screen refreshes.
* **Memory Modules:**
* **Flash:** Stores the HMI project, fonts, and images.
* **RAM:** Handles runtime variables and active screen buffering.
#### B. Communication Interfaces (The "R-A" Specifics)
The electronics include transceiver ICs to handle various protocols:
* **RS-232/RS-485:** Integrated level shifters (like the MAX3232 or similar) allow the unit to talk to PLCs, Inverters, or Sensors.
* **Isolation:** High-end versions include optocouplers to protect the internal circuitry from voltage spikes on the communication lines.
#### C. Power Management Circuitry
* **Buck Converters:** Steps down the 24V DC input to 5V and 3.3V for the logic gates and display backlight.
* **Protection:** Includes MOV (Metal Oxide Varistors) and TVS diodes to prevent damage from industrial electrical noise.
#### D. Display Driver & Backlight
* **LED Driver:** A constant-current circuit that ensures stable brightness for the LCD backlight.
* **LCD Controller:** Bridges the processor data bus to the physical glass panel.
---
### 3. Connection Pinout Overview
Commonly found on the rear of the MT240 series:
1. **Power Terminal:** 3-pin connector (V+, V-, Ground).
2. **COM Port (DB9):** Multi-protocol port used for RS-232/485/422.
3. **Programming Port:** Often a mini-USB or specialized serial port for uploading software from a PC.
---
- ⤷What are the compatible PLC protocols for the MT240-R-A?
- ⤷ How do I perform a factory reset on this specific HMI model?
- ⤷ Which software is used to program the MT240-R-A series?