MTN6125-R
AI

The **MTN6125-R** is a specific electronic component from the **Schneider Electric SpaceLogic KNX** range. It is technically classified as a **KNX Binary Input 4-gang (4 x 230 V)**. This device acts as an interface to connect conventional 230V switches or sensors to a KNX building automation bus system.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the MTN6125-R:
| Feature | Specification |
| :--- | :--- |
| **Bus Type** | KNX (TP - Twisted Pair) |
| **Input Channels** | 4 Independent Channels |
| **Input Voltage** | 230 V AC (50/60 Hz) |
| **Logic Level "0"** | < 40 V AC |
| **Logic Level "1"** | > 160 V AC |
| **Input Current** | Approx. 2 mA |
| **Power Supply** | Via KNX Bus (~24V DC) |
| **Mounting** | DIN Rail (EN 60715) |
---
## 2. Key Electronic Components & Interfaces
### A. Input Stage (High Voltage)
The device contains internal optocouplers to provide **galvanic isolation** between the 230V AC inputs and the sensitive 24V DC KNX bus. This prevents electrical surges on the mains side from destroying the automation network.
### B. Microcontroller Unit (MCU)
The "brain" of the MTN6125-R processes the signals from the inputs. It handles:
* **Debouncing:** Ensuring that mechanical contact "chatter" isn't interpreted as multiple signals.
* **Logic Processing:** Determining if a press is "Short" or "Long."
* **Communication:** Formatting data into KNX telegrams.
### C. KNX Bus Connector
A standard red/black bus terminal connects the device to the KNX line. The device draws its operating power directly from this bus, requiring no external low-voltage power supply.
---
## 3. Functional Logic
The electronic firmware allows the four inputs to be configured for various tasks:
1. **Switching:** Turning lights/circuits ON or OFF.
2. **Dimming:** Sending "Start" and "Stop" telegrams based on press duration.
3. **Blind Control:** Managing the movement and slat adjustment of motorized shutters.
4. **Pulse Counting:** Acting as an interface for meters that output 230V pulses.
---
## 4. Wiring Diagram Concept
Internally, the wiring follows this logic:
```text
[ 230V Mains ] ----> [ Input Channel 1-4 ] ----> [ Optocoupler ]
|
[ KNX Bus ] <------- [ Microcontroller ] <-------------|
```
---
## 5. Physical Indicators
* **Programming LED:** Indicates when the device is in "addressing mode."
* **Status LEDs:** Usually, these devices feature LEDs for each input to show the current logic state (High/Low) of the 230V signal.
- ⤷
How do you program the MTN6125-R using ETS software?
- ⤷ What are the safety requirements for wiring 230V inputs to this KNX module?
- ⤷ Can this device be used with 24V DC sensors instead of 230V AC?