MTXO2LVAD
AI

The **MTXO2LVAD** is a specific model of a **Temperature Compensated Crystal Oscillator (TCXO)**, often utilized in high-precision timing applications. These components are critical for maintaining frequency stability when environmental temperatures fluctuate.
---
### 1. Component Overview
The MTXO2LVAD is designed to provide a highly stable clock signal. Unlike standard oscillators that drift as they get hot or cold, a TCXO uses a compensation network to counteract frequency changes.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Output Type** | LVCMOS (Low Voltage Complementary Metal Oxide Semiconductor) |
| **Supply Voltage** | Typically 3.3V (indicated by 'LV' in the suffix) |
| **Package Style** | Surface Mount Device (SMD) |
| **Stability** | Usually ranges from ±0.5ppm to ±2.5ppm |
---
### 2. Key Internal Electronic Parts
The device is an integrated module consisting of several sub-components:
1. **Quartz Crystal Resonator:** The heart of the part, providing the base vibration frequency.
2. **Temperature Sensor:** A thermistor or integrated sensor that monitors the ambient temperature of the crystal.
3. **Compensation Network:** An analog or digital circuit (often an ASIC) that adjusts the load capacitance of the crystal based on the sensor's data.
4. **Voltage Regulator:** Internal circuitry to ensure that small fluctuations in input power do not affect the output frequency.
5. **Output Buffer:** Specifically designed for **LVCMOS** logic levels, ensuring the signal is strong enough to drive other digital ICs.
---
### 3. Pin Configuration (Typical)
While you should always consult the specific datasheet for your manufacturer (e.g., Mercury Electronic), the pinout generally follows this standard for 4-pad or 6-pad SMD packages:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Vcont | No connection or Voltage Control (if it's a VCTCXO) |
| **2** | GND | Circuit Ground |
| **3** | Output | The stabilized clock signal (Square wave) |
| **4** | Vdd | Positive Supply Voltage (3.3V) |
---
### 4. Common Applications
Due to its low voltage and high stability, the MTXO2LVAD is commonly found in:
* **GPS/GNSS Modules:** Where precise timing is required to calculate location.
* **Wireless Communication:** LTE, Wi-Fi, and Bluetooth basebands.
* **IoT Devices:** Battery-powered sensors that require reliable wake-up timers.
* **Networking Hardware:** Routers and switches requiring synchronized data transmission.
- ⤷What is the difference between a TCXO and a standard XO in terms of power consumption?
- ⤷ How does LVCMOS output differ from clipped sine wave output in oscillators?
- ⤷ Can the MTXO2LVAD be used in automotive-grade environments?