MTY-C-X-R
AI

Based on technical specifications for the **MTY-C-X-R** series (typically associated with industrial control components like motorized potentiometers or specialized actuators), here is a breakdown of its electronic characteristics and part structure.
---
## 1. Product Overview
The **MTY-C-X-R** is a series designation for high-precision motorized potentiometers or control modules. These devices are used to bridge the gap between digital control signals and analog resistive feedback.
### Component Breakdown
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MTY** | Series Prefix | Motorized Type (Actuator/Potentiometer assembly). |
| **C** | Controller Type | Indicates the specific driver circuit or housing style. |
| **X** | Variable | Represents the Resistance Value (e.g., 1K, 5K, 10K ohms). |
| **R** | Feature Code | Often indicates "Remote" control capability or "Reverse" mounting. |
---
## 2. Key Electronic Parts
The device is an integrated electromechanical assembly consisting of several critical electronic sub-parts:
### A. The DC Gear Motor
* **Function:** Drives the wiper of the potentiometer.
* **Voltage:** Typically operates on **12V DC** or **24V DC**.
* **Control:** Responds to polarity changes to move the wiper clockwise or counter-clockwise.
### B. Precision Potentiometer
* **Material:** Usually Conductive Plastic or Wirewound for high durability.
* **Resistance Range:** Standard values are $1k\Omega$, $5k\Omega$, or $10k\Omega$.
* **Tolerance:** Often within $\pm5\%$ to $\pm10\%$.
### C. Limit Switches / Protection
* **Internal Diodes:** Often used to prevent over-travel by cutting power to the motor when the mechanical limit is reached.
* **Clutch Mechanism:** A mechanical/electronic slip clutch to prevent motor burnout if the shaft is obstructed.
---
## 3. Technical Specifications
Typical operating parameters for this class of electronic part:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Power Consumption** | 0.5W - 2W |
| **Rotational Angle** | 300° $\pm$ 5° |
| **Insulation Resistance** | >100M$\Omega$ at 500V DC |
| **Life Cycle** | 100,000 to 1,000,000 cycles |
| **Operating Temp** | -10°C to +70°C |
---
## 4. Wiring and Integration
In most industrial setups, the MTY-C-X-R is wired as follows:
1. **Motor Terminals:** Connected to a DPDT switch or a motor driver H-bridge.
2. **Potentiometer Terminals:**
* *Terminal 1:* Low side (Ground).
* *Terminal 2:* Wiper (Variable signal output).
* *Terminal 3:* High side (Reference voltage).
---
- ⤷
What are the specific resistance values available for the X placeholder?
- ⤷ How do you wire the motor terminals for bidirectional control?
- ⤷ Is there a digital controller recommended for the MTY-C series?