Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MUR2040DC-R

  • AI
    --- # Technical Overview: MUR2040DC-R The **MUR2040DC-R** is a high-performance power semiconductor component, specifically a **Super Fast Recovery Rectifier Diode**. It is commonly designed in a dual-diode configuration (Common Cathode) and is engineered for high-frequency power switching applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics typically associated with the MUR2040 series: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 400 | Volts | | **Average Forward Rectified Current** | $I_{F(AV)}$ | 20 (10 per leg) | Amps | | **Peak Forward Surge Current** | $I_{FSM}$ | 100 - 125 | Amps | | **Max Forward Voltage Drop** | $V_F$ | ~1.3 | Volts | | **Max Reverse Recovery Time** | $t_{rr}$ | < 50 | Nanoseconds | | **Operating Temperature Range** | $T_J$ | -55 to +150 | °C | --- ### 2. Physical Design and Package * **Package Type:** Usually housed in a **TO-247** or **TO-220** package. These packages are designed for through-hole mounting and offer excellent thermal dissipation when attached to a heatsink. * **Configuration:** **Common Cathode**. This means the device contains two diodes; their cathodes are connected to the center pin (or the metal tab), while the anodes are on the outer pins. * **Suffix "-R":** Often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards or specific tape-and-reel/tube packaging variants depending on the manufacturer (e.g., Panjit or MCC). --- ### 3. Core Features * **Ultra-Fast Switching:** The very low $t_{rr}$ (Reverse Recovery Time) minimizes switching losses, making it highly efficient at high frequencies. * **Low Forward Voltage:** Reduces power dissipation during the "on" state. * **High Reliability:** Designed to withstand high surge currents and operate in harsh thermal environments. --- ### 4. Common Applications The MUR2040DC-R is typically found in circuits where high-speed rectification is critical: 1. **Switching Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. 2. **Inverters:** Essential in solar inverters or UPS systems for efficient energy conversion. 3. **Freewheeling Diodes:** Used in motor control circuits to protect components from inductive voltage spikes. 4. **DC-DC Converters:** Acts as a high-speed switch to maintain steady voltage levels. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard rectifier and a 'Super Fast' recovery diode like the MUR2040?
    • ⤷ How does the 'Common Cathode' configuration simplify circuit design?
    • ⤷ What specific cooling requirements are recommended for a 20A load?