MUR2060DC-R
AI

## Overview of MUR2060DC-R
The **MUR2060DC-R** is a high-performance **Ultra-Fast Recovery Rectifier** diode. It is specifically designed for high-frequency power switching applications where efficiency and speed are critical.
---
### Key Technical Specifications
| Parameter | Specification | Description |
|:---|:---|:---|
| **Type** | Ultra-Fast Recovery | High switching speed to reduce power loss |
| **Configuration** | Dual Diode (Common Cathode) | Two diodes sharing a center pin |
| **Max Voltage ($V_{RRM}$)** | 600V | Peak repetitive reverse voltage |
| **Max Current ($I_{F(AV)}$)** | 20A (10A per leg) | Average rectified forward current |
| **Recovery Time ($t_{rr}$)** | < 35ns - 50ns | Time taken to stop conducting in reverse |
| **Package Type** | TO-247 / TO-220 | Through-hole power package for heat dissipation |
| **Forward Voltage ($V_F$)** | ~1.2V - 1.5V | Voltage drop across the diode during conduction |
---
### Internal Circuit Diagram
The "DC" in the part number often indicates a **Dual Center-tap** configuration.
```text
Pin 1 (Anode 1) ----|>|----|
|---- Pin 2 (Common Cathode)
Pin 3 (Anode 2) ----|>|----|
```
---
### Core Features & Functionality
1. **Ultra-Fast Switching:** The extremely low reverse recovery time ($t_{rr}$) minimizes switching losses, allowing the component to operate efficiently in high-frequency environments (e.g., >100kHz).
2. **High Voltage Rating:** With a 600V rating, it is suitable for AC-to-DC rectification in mains-powered equipment.
3. **Low Thermal Resistance:** Designed to be mounted on a heatsink, it manages heat effectively during high-current operations.
4. **Glass Passivated Chip Junction:** Enhances reliability and stability over a wide temperature range.
---
### Common Applications
* **Switch Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC.
* **Inverters:** Essential in solar inverters or UPS systems for steering current.
* **Freewheeling Diode:** Protects circuits from voltage spikes in motor control and inductive load switching.
* **Welding Equipment:** High-power rectification for industrial arc welders.
---
- ⤷What is the difference between a standard recovery diode and an ultra-fast recovery diode like the MUR2060DC?
- ⤷ How do I calculate the heat dissipation requirements for this diode in a 10A circuit?
- ⤷ Can I parallel the two internal diodes of the MUR2060DC to handle 20A total current?