Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV12T3CD-R

  • AI
    The **MV12T3CD-R** is a specific model of an **Industrial Power Supply Module**, typically categorized as a DC-DC converter or a specialized AC-DC power unit used in telecommunications, industrial automation, and server environments. --- ## 1. Core Technical Specifications Below are the estimated electronic characteristics typical for this series of power modules: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V - 75V DC (Telecom standard) | | **Output Voltage** | 12V DC | | **Current Rating** | ~3A to 12A (Model dependent) | | **Efficiency** | > 88% | | **Mounting Type** | Through-hole / PCB Mount | | **Cooling** | Convection or Forced Air | --- ## 2. Key Electronic Components & Subsystems The internal architecture of the MV12T3CD-R consists of several critical stages: ### A. Input Filter Stage * **Inductors and Capacitors:** Used for EMI (Electromagnetic Interference) suppression to ensure the device does not interfere with other sensitive electronics. * **Protection Circuitry:** Includes TVS diodes or Varistors to protect against voltage surges. ### B. Power Conversion (Switching Stage) * **MOSFETs:** High-speed transistors that switch the input voltage at high frequencies (typically 100kHz - 500kHz). * **PWM Controller:** The "brain" of the module that regulates the duty cycle of the MOSFETs to maintain a steady 12V output. ### C. Isolation and Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the input and output, ensuring safety and noise reduction. * **Optocouplers:** Used in the feedback loop to send voltage information back to the controller without breaking the isolation barrier. ### D. Output Rectification & Smoothing * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into DC. * **Filter Capacitors:** Large electrolytic or ceramic capacitors that smooth out the "ripple" to provide clean DC power. --- ## 3. Protection Features The MV12T3CD-R is designed with robust safety mechanisms: 1. **Over-Voltage Protection (OVP):** Shuts down if the output exceeds safety limits. 2. **Short Circuit Protection (SCP):** Automatically limits current if a short is detected. 3. **Thermal Shutdown:** Protects the internal semiconductors from melting due to overheating. --- ## 4. Typical Applications * **Telecommunications:** Powering line cards or routers. * **Distributed Power Architecture:** Converting a 48V bus down to 12V for local components. * **Industrial Control Systems:** Providing stable power to PLCs or sensors.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the MV12T3CD-R?
    • ⤷ How does this module compare to the MV12T5CD-R in terms of output current?
    • ⤷ What are the specific thermal derating curves for this part?