Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV12T3CG-R

  • AI
    The **MV12T3CG-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically categorized as a Point-of-Load (PoL) regulator. These modules are widely used in telecommunications, data networking, and industrial computing to provide stable power to CPUs, FPGAs, and ASICs. --- ## 1. Technical Specifications The core electronic characteristics of the MV12T3CG-R are summarized in the table below: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage Range** | 0.591V to 5.1V (Adjustable) | | **Maximum Output Current** | 12 Amps | | **Topology** | Non-isolated Buck (Step-down) | | **Efficiency** | Up to 94% (depending on load) | | **Control Interface** | Digital (PMBus Support common in this series) | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Electronic Components & Features The module integrates several discrete components into a single high-density package: ### A. Integrated Controller and MOSFETs * **Synchronous Rectification:** Uses high-side and low-side MOSFETs with low $R_{DS(on)}$ to minimize heat dissipation and maximize efficiency. * **Pulse Width Modulation (PWM):** The internal controller regulates voltage by high-speed switching (typically in the 300kHz to 1MHz range). ### B. Protection Circuitry The module includes built-in safeguards to protect the load: 1. **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds 12A. 2. **Over-Temperature Protection (OTP):** Thermal shutdown if the internal junction temperature exceeds safety limits. 3. **Under-Voltage Lockout (UVLO):** Ensures the module only operates when the input voltage is sufficient for stable regulation. ### C. Feedback and Regulation * **Remote Sense:** Allows the module to compensate for voltage drops across PCB traces between the regulator and the load. * **Programmable Output:** The output voltage is usually set via an external resistor or digitally via a PMBus interface. --- ## 3. Pin Configuration Overview While specific layouts depend on the manufacturer's footprint, this module typically follows standard PoL pinouts: | Pin Type | Description | | :--- | :--- | | **VIN / GND** | Input power and common ground. | | **VOUT** | Regulated output voltage to the load. | | **TRIM** | Connection for a resistor to set the output voltage level. | | **ENABLE** | Logic input to turn the converter on or off. | | **PGOOD** | Power Good signal indicating the output is within regulation limits. | --- ## 4. Usage Considerations * **Decoupling Capacitors:** Although the module has internal filtering, external input and output ceramic capacitors are required to reduce ripple and ensure stability under transient loads. * **Thermal Management:** At full 12A load, the module may require airflow or a heat sink depending on the ambient temperature and input-to-output voltage differential.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the MV12T3CG-R?
    • ⤷ Which external resistor value is needed to set the output to 3.3V?
    • ⤷ Does this module support parallel operation for higher current loads?