Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV12V1CG-R

  • AI
    ## Technical Overview of the MV12V1CG-R The **MV12V1CG-R** is a specific electronic component typically identified as a **Varistor (Voltage Dependent Resistor)**, often produced by manufacturers like **Microsemi** or **Littelfuse**. It is primarily used for surge protection and transient voltage suppression in electronic circuits. ### Core Specifications Below are the typical technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Working Voltage (AC)** | ~8V to 11V | | **Working Voltage (DC)** | ~12V to 14V | | **Clamping Voltage** | The voltage at which the device limits the surge | | **Energy Rating (Joules)** | Varies by package size, typically low-energy | | **Package Type** | Surface Mount (SMD) or Radial Leaded | | **Response Time** | < 25 nanoseconds | --- ### Functionality and Working Principle The MV12V1CG-R acts as a "safety valve" for electronic circuits: 1. **Normal State:** Under normal operating voltages, the part exhibits high electrical resistance, acting as an open circuit. 2. **Transient State:** When a high-voltage spike (like static discharge or power surge) occurs, the resistance drops instantly. 3. **Protection:** The device shunts the excess current to the ground, preventing the spike from reaching and damaging sensitive downstream components. ### Common Applications * **Automotive Electronics:** Protecting 12V rail systems from load dump transients. * **Consumer Electronics:** Surge protection for DC power ports in laptops or handheld devices. * **Industrial Controls:** Protecting I/O lines from electromagnetic interference (EMI). --- ### Comparison with Similar Components Unlike a standard resistor, the MV12V1CG-R is non-linear. Here is how it compares to other protection devices: | Component | Function | Best Use Case | | :--- | :--- | :--- | | **Varistor (MOV)** | Voltage-dependent resistance | High energy, general-purpose protection | | **TVS Diode** | Silicon-based clamping | High speed, precision protection | | **Gas Discharge Tube** | Spark gap technology | Very high voltage/current surges |
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current rating for the MV12V1CG-R?
    • ⤷ Can this component be used in a 24V system?
    • ⤷ What are the recommended footprint dimensions for PCB layout?