Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV12V2AG-R

  • AI
    The **MV12V2AG-R** is a specific electronic component, typically categorized as a **DC Power Adapter (Wall Wart)** or an internal power module designed to provide a regulated 12V DC output. Based on the nomenclature and common industry standards, here is the breakdown of its specifications and electronic parts. --- ## 1. Technical Specifications The model name "MV12V2AG-R" provides a code for its primary electronic capabilities: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100V - 240V AC | Universal AC input for global use. | | **Output Voltage** | **12V DC** | Regulated direct current output. | | **Output Current** | **2.0A (2000mA)** | Maximum current capacity. | | **Power Rating** | 24 Watts | Calculated as $V \times A$ (12V * 2A). | | **Polarity** | Center Positive | Standard configuration ($ \oplus - ( \cdot - \ominus $). | | **Efficiency** | Level VI | Often meets high-efficiency energy standards. | --- ## 2. Internal Electronic Components Inside the housing of the MV12V2AG-R, the following electronic stages are present to convert high-voltage AC into stable low-voltage DC: ### A. Input Protection & Filtering * **Fuse:** Protects the circuit from over-current and short circuits. * **Varistor (MOV):** Protects the device against voltage surges from the AC line. * **EMI Filter:** High-frequency capacitors and inductors to prevent electromagnetic interference. ### B. Rectification & Bulk Storage * **Bridge Rectifier:** A set of four diodes that convert AC (Alternating Current) to pulsating DC. * **Bulk Capacitor:** A high-voltage electrolytic capacitor (usually rated for 400V) that smooths the pulsating DC. ### C. Switching & Regulation (SMPS) * **PWM Controller IC:** The "brain" that regulates output by switching the power on and off at high frequencies. * **Switching MOSFET:** Acts as a high-speed switch to drive the transformer. * **High-Frequency Transformer:** Steps down the voltage while providing galvanic isolation between the AC input and DC output. ### D. Output Rectification & Filtering * **Schottky Diode:** Rectifies the high-frequency AC from the transformer into DC. * **Output Capacitors:** Lower voltage electrolytic capacitors that remove "ripple" to ensure a clean 12V signal. * **Feedback Optocoupler:** Sends a signal back to the PWM IC to adjust the power if the load changes, maintaining a constant 12V. --- ## 3. Physical Attributes * **Connector Type:** Usually a **5.5mm x 2.1mm** or **5.5mm x 2.5mm** DC barrel jack. * **Enclosure:** Heat-resistant ABS plastic. * **Compliance:** Usually carries certifications like UL, CE, FCC, or RoHS (indicated by the `-R` suffix in many manufacturing lines). ---
    ✨ Follow-up Questions
    • ⤷ What are the common applications for a 12V 2A power adapter?
    • ⤷ How do I test if the MV12V2AG-R is providing the correct voltage?
    • ⤷ Can I use a 12V 1.5A adapter to replace the 2A version?