MV13T1AD-R
AI

The **MV13T1AD-R** is a specific model of an **AC/DC External Desktop Power Adapter** (often categorized under Power Supplies). These units are typically manufactured by specialized power electronics companies like *Actiontec* or *Chicony* for use with telecommunications equipment, networking devices, or industrial peripherals.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
This device is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable low-voltage direct current (DC) required by sensitive electronics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100 - 240V AC |
| **Input Frequency** | 50 / 60 Hz |
| **Output Voltage** | 12V or 13V DC (Model dependent) |
| **Output Current** | ~1.0A to 1.5A |
| **Connector Type** | Barrel Plug (usually 5.5mm x 2.1mm) |
| **Polarity** | Center Positive (+) |
---
### 2. Internal Electronic Components
The MV13T1AD-R utilizes **Switch Mode Power Supply (SMPS)** technology. This is more efficient and lighter than older linear transformer-based supplies. Key internal parts include:
#### A. Input Section (Primary Side)
* **Bridge Rectifier:** Converts incoming AC to a pulsating DC.
* **Filter Capacitor:** High-voltage electrolytic capacitor (usually rated for 400V) that smooths the rectified DC.
* **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a constant output voltage.
#### B. Conversion Section
* **Switching MOSFET:** A transistor that rapidly turns the power on and off (at kHz frequencies) to drive the transformer.
* **High-Frequency Transformer:** A compact ferrite-core transformer that provides galvanic isolation between the mains voltage and the output.
#### C. Output Section (Secondary Side)
* **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC.
* **Output Capacitors:** Lower voltage capacitors that filter out high-frequency ripple/noise.
* **Optocoupler:** An electronic component that sends feedback from the output side back to the input controller to ensure voltage stability.
---
### 3. Protection Features
Standard versions of the MV13T1AD-R include several safety mechanisms built into the circuitry:
1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds the safe limit.
2. **Short Circuit Protection (SCP):** Prevents the board from burning out if the DC wires are crossed.
3. **Over-Current Protection (OCP):** Limits the output current to prevent overheating.
---
### 4. Common Applications
This specific part is most commonly found powering:
* **DSL/Fiber Modems:** Specifically branded for *Actiontec* or *CenturyLink* equipment.
* **Routers and Access Points.**
* **CCTV Cameras:** Where a stable 12V-13V source is required.
---
- ⤷
What is the exact output voltage and amperage rating printed on the label of your MV13T1AD-R?
- ⤷
Are you looking for a replacement part or attempting to repair the internal circuit board?
- ⤷
Does this specific model use a 2-prong (C8) or 3-prong (C14) AC input cord?