MV13T3CG-R
AI

## Overview of MV13T3CG-R
The **MV13T3CG-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are designed for high-efficiency power conversion and are widely used in modern power management circuits.
---
### Key Technical Specifications
Based on standard industry data for this part series, the electronic characteristics are summarized in the table below:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite Metal / Ferrite |
| **Inductance Value** | Part-specific (usually indicated by code) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### Internal Electronics and Construction
The "MV" series generally utilizes a **metal composite core**. This provides several advantages over traditional ferrite inductors:
1. **High Saturation Current:** The composite structure allows the inductor to handle high peak currents without the inductance dropping off sharply.
2. **Low DCR (DC Resistance):** The internal coil is designed with flat-wire or thick-gauge copper to minimize energy loss as heat.
3. **Soft Saturation:** Unlike ferrite, which has a "cliff" saturation point, these parts lose inductance gradually as current increases, improving circuit stability.
4. **EMI Suppression:** The molded construction acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components.
---
### Common Applications
In an electronic system, the MV13T3CG-R is primarily used in:
* **DC-DC Converters:** Acting as the energy storage element in Buck or Boost regulators.
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
* **Battery Powered Devices:** Due to their compact size and high efficiency.
* **Automotive Electronics:** Used in infotainment and ADAS systems where heat resistance is critical.
---
### Identification Guide
If you are looking at the markings on the component:
* **13:** Usually refers to the physical footprint size (e.g., 13mm x 13mm).
* **T3:** Often refers to the height or thickness profile.
* **CG-R:** Denotes the tolerance, material composition, and RoHS compliance (Lead-free).
- ⤷
What is the specific inductance value for the MV13T3CG-R?
- ⤷ Can you provide a comparison between composite and ferrite core inductors?
- ⤷ What is the maximum current rating for this specific part?