Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV13V2AG-R

  • AI
    The **MV13V2AG-R** is a specific electronic component typically identified as a **Varistor** (Voltage Dependent Resistor) manufactured by **Maida Development Company**. These components are primary protective devices used to suppress high-voltage transients in electronic circuits. --- ### 1. General Specifications The part number follows a specific nomenclature used by Maida to define its electrical characteristics. | Parameter | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Material** | Zinc Oxide (ZnO) based ceramic | | **Function** | Surge Protection / Overvoltage Clamping | | **Mounting Type** | Through-hole (Radial Leads) | --- ### 2. Breakdown of the Part Number While exact specifications can vary by series, the "MV" series typically follows this logic: * **MV**: Series designation (Standard Metal Oxide Varistor). * **13**: Physical size (usually refers to the disk diameter, e.g., 13mm). * **V2AG**: Voltage rating and tolerance code (V2 usually indicates a specific voltage range, e.g., 200V-250V range depending on the datasheet revision). * **-R**: RoHS Compliant (Lead-free). --- ### 3. Key Electronic Functions A Varistor like the MV13V2AG-R operates on a non-linear resistance principle: 1. **High Resistance State:** Under normal operating voltages, the device has high electrical resistance, acting as an open circuit. 2. **Clamping State:** When a voltage spike (like a lightning strike or inductive switching) exceeds the "Varistor Voltage," the resistance drops instantly. 3. **Shunting:** The excess current is diverted through the varistor to the ground or neutral, protecting sensitive downstream components (like microprocessors or power supplies). --- ### 4. Typical Applications * **Power Supplies:** Protecting AC/DC converters from line surges. * **Consumer Electronics:** Used in surge protectors and power strips. * **Industrial Equipment:** Protecting motors and controllers from inductive kickback. * **Telecommunications:** Guarding communication lines against atmospheric interference. --- ### 5. Safety Considerations * **Degradation:** MOVs degrade slightly with every surge they absorb. Over time, they may fail. * **Thermal Protection:** In critical designs, these are often used in series with a thermal fuse to prevent fire if the varistor overheats during a sustained overvoltage event.
    ✨ Follow-up Questions
    • ⤷What is the maximum energy rating (Joules) for the MV13 series?
    • ⤷ How do I test if an MV13V2AG-R is still functional using a multimeter?
    • ⤷ What are the recommended fuse ratings to use in series with this varistor?