Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV14T2AG-R

  • AI
    ## MV14T2AG-R: Technical Specifications and Overview The **MV14T2AG-R** is a specific component typically associated with **TVS (Transient Voltage Suppressor) Diode Arrays** or ESD protection devices, often manufactured by companies like **Magnachip**. These parts are designed to protect sensitive high-speed data lines from Electrostatic Discharge (ESD) and other voltage transients. --- ### 1. Key Technical Specifications Based on the standard parameters for this series, here are the primary electronic characteristics: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Working Voltage ($V_{RWM}$)** | 5.0V | The maximum operating voltage where the device remains high-impedance. | | **Breakdown Voltage ($V_{BR}$)** | 6.0V - 9.0V | The voltage at which the device begins to conduct to ground. | | **Clamping Voltage ($V_C$)** | < 15V | The maximum voltage the protected IC will see during a surge. | | **Capacitance ($C_j$)** | ~0.5pF to 1.5pF | Low capacitance allows for high-speed data transmission without signal loss. | | **Number of Lines** | 4 Lines | Designed to protect four signal lines + Vcc. | | **Package Type** | SOT-23-6L / DFN | Surface-mount package with a small footprint. | --- ### 2. Electronic Functions The MV14T2AG-R serves three primary electronic roles in a circuit: 1. **ESD Protection:** It shunts high-voltage spikes (from human contact or air discharge) to the ground before they reach the internal circuitry. 2. **Signal Integrity:** Because of its **Ultra-Low Capacitance**, it is used in high-frequency applications where a standard diode would distort the data bits. 3. **Bidirectional/Unidirectional Steering:** It uses a rail-to-rail diode configuration to steer transients to either the positive supply rail or the ground rail. --- ### 3. Pin Configuration and Application In a typical SOT-23-6L package, the pins are utilized as follows: * **I/O Pins (1, 3, 4, 6):** Connected to the data lines (e.g., USB D+, D-, HDMI Clock). * **GND (Pin 2):** Connected to the system ground. * **Vcc (Pin 5):** Connected to the power supply rail (optional for extra clamping). #### Common Applications: * **USB 2.0/3.0 Ports:** Protecting data pins. * **HDMI / DVI Interfaces:** High-speed video transmission. * **Ethernet Ports:** Protecting against surges in networking equipment. * **Mobile Handsets:** General interface protection. --- ### 4. Circuit Diagram Representation The internal structure typically looks like this in a schematic: ```text (Vcc) Pin 5 | +-----+-----+-----+-----+ | | | | | [D] [D] [D] [D] [D] <-- Steering Diodes | | | | | IO1 IO2 GND IO3 IO4 (Pin 1)(Pin 3)(Pin 2)(Pin 4)(Pin 6) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum ESD rating (in kV) for the MV14T2AG-R?
    • ⤷ How does its capacitance compare to standard TVS diodes like the SMF05?
    • ⤷ Can this part be used for HDMI 2.0 protection?